Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22801KFXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY22801KFXC
Description  Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22801KFXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY22801KFXC Datasheet HTML 4Page - Cypress Semiconductor CY22801KFXC Datasheet HTML 5Page - Cypress Semiconductor CY22801KFXC Datasheet HTML 6Page - Cypress Semiconductor CY22801KFXC Datasheet HTML 7Page - Cypress Semiconductor CY22801KFXC Datasheet HTML 8Page - Cypress Semiconductor CY22801KFXC Datasheet HTML 9Page - Cypress Semiconductor CY22801KFXC Datasheet HTML 10Page - Cypress Semiconductor CY22801KFXC Datasheet HTML 11Page - Cypress Semiconductor CY22801KFXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
CY22801
Document #: 001-15571 Rev. *E
Page 8 of 23
Input Load Capacitors
XCapSrc bit in 12H register selects the source of Input load
capacitance. This will be set by CyClockRT software based on
selected configuration.
Input load capacitors allow you to set the load capacitance of the
CY22801 to match the input load capacitance from a crystal. The
value of the input load capacitors is determined by 8 bits in a
programmable register
[13H]. Total
load capacitance is
determined by the formula:
CapLoad = (CL– CBRD – CCHIP)/0.09375 pF
where:
CL = specified load capacitance of your crystal.
CBRD = the total board capacitance, due to external capacitors
and board trace capacitance. In CyClocksRT, this value
defaults to 2 pF.
CCHIP = 6 pF.
0.09375 pF = the step resolution available due to the 8-bit
register.
In CyclocksRT, only the crystal capacitance (CL) is specified.
CCHIP is set to 6 pF and CBRD defaults to 2 pF. If your board
capacitance is higher or lower than 2 pF, the formula given earlier
is used to calculate a new CapLoad value and programmed into
register 13H.
In CyClocksRT, enter the crystal capacitance (CL). The value of
CapLoad is determined automatically and programmed into the
CY22801. Through the SDAT and SCLK pins, the value can be
adjusted up or down if your board capacitance is greater or less
than 2 pF. For an external clock source, CapLoad defaults to 0.
See Table 8 on page 9 for CapLoad bit locations and values.
The input load capacitors are placed on the CY22801 die to
reduce external component cost. These capacitors are true
parallel-plate capacitors, designed to reduce the frequency shift
that occurs when nonlinear load capacitance is affected by load,
bias, supply, and temperature changes.
PLL Frequency, Q Counter [42H(6..0)]
The first counter is known as the Q counter. The Q counter
divides REF by its calculated value. Q is a 7 bit divider with a
maximum value of 127 and minimum value of 0. The primary
value of Q is determined by 7 bits in register 42H (6..0), but 2 is
added to this register value to achieve the total Q, or Qtotal. Qtotal
is defined by the formula:
Qtotal = Q + 2
The minimum value of Qtotal is 2. The maximum value of Qtotal is
129. Register 42H is defined in the table.
Stable operation of the CY22801 cannot be guaranteed if
REF/Qtotal falls below 250 kHz. Qtotal bit locations and values are
defined in Table 9 on page 9.
PLL Frequency, P Counter [40H(1..0)], [41H(7..0)],
[42H(7)]
The next counter definition is the P (product) counter. The P
counter is multiplied with the (REF/Qtotal) value to achieve the
VCO frequency. The product counter, defined as Ptotal, is made
up of two internal variables, PB and PO. The formula for
calculating Ptotal is:
Ptotal = (2(PB + 4) + PO)
PB is a 10-bit variable, defined by registers 40H(1:0) and
41H(7:0). The 2 LSBs of register 40H are the two MSBs of
variable PB. Bits 4..2 of register 40H are used to determine the
charge pump settings. The three MSBs of register 40H are
preset and reserved and cannot be changed. PO is a single bit
variable, defined in register 42H(7). This allows for odd numbers
in Ptotal.
The remaining seven bits of 42H are used to define the
Q counter, as shown in Table 9.
The minimum value of Ptotal is 8. The maximum value of Ptotal is
2055. To achieve the minimum value of Ptotal, PB and PO should
both be programmed to 0. To achieve the maximum value of
Ptotal, PB should be programmed to 1023, and PO should be
programmed to 1.
Stable operation of the CY22150 cannot be guaranteed if the
value of (Ptotal*(REF/Qtotal)) is above 400 MHz or below
100 MHz.
PLL Post Divider Options [0CH(7..0)], [47H(7..0)]
The output of the VCO is routed through two independent
muxes, then to two divider banks to determine the final clock
output frequency. The mux determines if the clock signal feeding
into the divider banks is the calculated VCO frequency or REF.
There are two select muxes (DIV1SRC and DIV2SRC) and two
divider banks (Divider Bank 1 and Divider Bank 2) used to
determine this clock signal. The clock signal passing through
DIV1SRC and DIV2SRC is referred to as DIV1CLK and
DIV2CLK, respectively.
The divider banks have four unique divider options available: /2,
/3, /4, and /DIVxN. DIVxN is a variable that can be independently
programmed (DIV1N and DIV2N) for each of the two divider
banks. The minimum value of DIVxN is 4. The maximum value
of DIVxN is 127. A value of DIVxN below 4 is not guaranteed to
work properly.
DIV1SRC is a single bit variable, controlled by register 0CH. The
remaining seven bits of register 0CH determine the value of post
divider DIV1N.
DIV2SRC is a single bit variable, controlled by register 47H. The
remaining seven bits of register 47H determine the value of post
divider DIV2N.
Register 0CH and 47H are defined in Table 10.
Charge Pump Settings [40H(2..0)]
The correct pump setting is important for PLL stability. Charge
pump settings are controlled by bits (4..2) of register 40H, and
are dependent on internal variable PB (see “PLL Frequency, P
Counter[40H(1..0)], [41H(7..0)], [42H(7)]”). Table 11 on page 9
summarizes the proper charge pump settings, based on Ptotal.
See Table 12 on page 9 for register 40H bit locations and values.
[+] Feedback


Similar Part No. - CY22801KFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801KFXC CYPRESS-CY22801KFXC Datasheet
254Kb / 7P
   Universal Programmable Clock Generator
CY22801KFXC CYPRESS-CY22801KFXC Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22801KFXCT CYPRESS-CY22801KFXCT Datasheet
254Kb / 7P
   Universal Programmable Clock Generator
CY22801KFXCT CYPRESS-CY22801KFXCT Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22801KFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800_07 Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com