Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY25402SXIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY25402SXIT
Description  Two PLL Programmable Clock Generator with Spread Spectrum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25402SXIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY25402SXIT Datasheet HTML 5Page - Cypress Semiconductor CY25402SXIT Datasheet HTML 6Page - Cypress Semiconductor CY25402SXIT Datasheet HTML 7Page - Cypress Semiconductor CY25402SXIT Datasheet HTML 8Page - Cypress Semiconductor CY25402SXIT Datasheet HTML 9Page - Cypress Semiconductor CY25402SXIT Datasheet HTML 10Page - Cypress Semiconductor CY25402SXIT Datasheet HTML 11Page - Cypress Semiconductor CY25402SXIT Datasheet HTML 12Page - Cypress Semiconductor CY25402SXIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CY25402/CY25422/CY25482
Document #: 001-12565 Rev. *F
Page 9 of 14
Test and Measurement Setup
Figure 4. Test and Measurement Setup
Voltage and Timing Definitions
Figure 5. Duty Cycle Definition
Figure 6. Rise Time = TRF, Fall Time = TRF
Recommended Crystal Specification for Thru-Hole Package
Parameter
Description
Range 1 Range 2 Range 3
Unit
Fmin
Minimum frequency
8
14
24
MHz
Fmax
Maximum frequency
14
24
32
MHz
R1
Motional resistance (ESR)
90
50
30
C0
Shunt capacitance
7
7
7
pF
CL
Parallel load capacitance
18
12
12
pF
DL(max)
Maximum crystal drive level
1000
1000
1000
µW
0.1
F
VDD
Outputs
C LOAD
GND
DUT
Clock
Output
V
DD
50% of V
DD
0V
t
1
t
2
Clock
Output
T
RF
T
RF
V
DD
80% of V
DD
20% of V
DD
0V


Similar Part No. - CY25402SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402SXI-XXX CYPRESS-CY25402SXI-XXX Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402SXI-XXX CYPRESS-CY25402SXI-XXX Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402SXI-XXXT CYPRESS-CY25402SXI-XXXT Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402SXI-XXXT CYPRESS-CY25402SXI-XXXT Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY25402SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com