Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY25568 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY25568
Description  Spread Spectrum Clock Generator 4 to 32 MHz Input frequency range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25568 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY25568 Datasheet HTML 3Page - Cypress Semiconductor CY25568 Datasheet HTML 4Page - Cypress Semiconductor CY25568 Datasheet HTML 5Page - Cypress Semiconductor CY25568 Datasheet HTML 6Page - Cypress Semiconductor CY25568 Datasheet HTML 7Page - Cypress Semiconductor CY25568 Datasheet HTML 8Page - Cypress Semiconductor CY25568 Datasheet HTML 9Page - Cypress Semiconductor CY25568 Datasheet HTML 10Page - Cypress Semiconductor CY25568 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CY25568
Document Number: 38-07111 Rev. *D
Page 7 of 14
Power-down (PD#)
CY25568 includes a Power-down (PD#, Pin 10) function. This input uses standard 2-Level CMOS logic and is internally pulled up to
VDD (HIGH). Connect this pin to GND if power is to be turned off.
Modulation Rate
Spread Spectrum Clock Generators use frequency modulation (FM) to distribute energy over a specific band of frequencies. The
maximum frequency of the clock (fmax) and minimum frequency of the clock (fmin) determine this band of frequencies. The time
required to transition from fmin to fmax and back to fmin is the period of the Modulation Rate, Tmod. The Modulation Rate of SSCG
clocks are generally referred to in terms of frequency or fmod = 1/Tmod.
The input clock frequency, fin, and the internal divider determine the modulation rate.
In the case of CY25568, the (spread spectrum) modulation rate is given by the following formula: fmod = fin/DR
Where; fmod is the modulation rate, fin is the Input Frequency and DR is the divider ratio as given in Table 4. Notice that Input
frequency range is set by FRSEL.
Table 4. Modulation Rate
FRSEL
INPUT FREQUENCY RANGE (MHz)
DIVIDER RATIO (DR)
0
4 to 8
128
1
8 to 16
256
M
16 to 32
512


Similar Part No. - CY25568

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25568 CYPRESS-CY25568 Datasheet
109Kb / 12P
   Spread Spectrum Clock Generator
CY25568SC CYPRESS-CY25568SC Datasheet
109Kb / 12P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25568

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25819 CYPRESS-CY25819_11 Datasheet
450Kb / 13P
   Spread Spectrum Clock Generator 8- to 32-MHz input frequency range
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com