Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29972 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY29972
Description  3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY29972_11 Datasheet HTML 1Page - Cypress Semiconductor CY29972_11 Datasheet HTML 2Page - Cypress Semiconductor CY29972_11 Datasheet HTML 3Page - Cypress Semiconductor CY29972_11 Datasheet HTML 4Page - Cypress Semiconductor CY29972_11 Datasheet HTML 5Page - Cypress Semiconductor CY29972_11 Datasheet HTML 6Page - Cypress Semiconductor CY29972_11 Datasheet HTML 7Page - Cypress Semiconductor CY29972_11 Datasheet HTML 8Page - Cypress Semiconductor CY29972_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY29972
Document #: 38-07290 Rev. *D
Page 4 of 13
5, 26, 27
FB_SEL(2:0)
I
PU
Feedback select inputs. These inputs select the divide ratio at
FB_OUT output. See Table 1 on page 1.
52
VCO_SEL
I
PU
VCO divider select input. When set LOW, the VCO output is divided
by 2. When set HIGH, the divider is bypassed. See Table 1 on page 1.
31
FB_IN
I
PU
Feedback clock input. Connect to FB_OUT for accessing the PLL.
6
PLL_EN
I
PU
PLL enable input. When asserted HIGH, PLL is enabled; when LOW,
PLL is bypassed.
7
REF_SEL
I
PU
Reference select input. When HIGH, the crystal oscillator is selected;
when LOW, TCLK (0,1) is the reference clock.
8
TCLK_SEL
I
PU
TCLK select input. When LOW, TCLK0 is selected and when HIGH
TCLK1 is selected.
2
MR#/OE
I
PU
Master reset/output enable input. When asserted LOW, resets all of
the internal flip-flops and also disables all of the outputs. When pulled
high, releases the internal flip-flops from reset and enables all of the
outputs.
14
INV_CLK
I
PU
Inverted clock input. When set HIGH, QC(2,3) outputs are inverted.
When set LOW, the inverter is bypassed.
3SCLK
–I
PU
Serial clock input. Clocks data at SDATA into the internal register.
4SDATA
–I
PU
Serial data input. Input data is clocked to the internal register to
enable/disable individual outputs. This provides flexibility in power
management.
17, 22, 28,
33,37, 45, 49
VDDC
3.3 V power supply for output clock buffers.
13
VDD
3.3 V power supply for PLL.
1, 15, 24, 30,
35, 39, 47, 51
VSS
Common ground.
Pin Description[2]
Pin
Name
PWR
I/O
Type
Description
[+] Feedback


Similar Part No. - CY29972_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer
More results

Similar Description - CY29972_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29973 CYPRESS-CY29973_11 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976 Datasheet
97Kb / 10P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com