Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29972AI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY29972AI
Description  3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY29972AI Datasheet HTML 3Page - Cypress Semiconductor CY29972AI Datasheet HTML 4Page - Cypress Semiconductor CY29972AI Datasheet HTML 5Page - Cypress Semiconductor CY29972AI Datasheet HTML 6Page - Cypress Semiconductor CY29972AI Datasheet HTML 7Page - Cypress Semiconductor CY29972AI Datasheet HTML 8Page - Cypress Semiconductor CY29972AI Datasheet HTML 9Page - Cypress Semiconductor CY29972AI Datasheet HTML 10Page - Cypress Semiconductor CY29972AI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY29972
Document #: 38-07290 Rev. *D
Page 7 of 13
Power Management
The individual output enable/freeze control of the CY29972
allows the user to implement unique power management
schemes into the design. The outputs are stopped in the logic ‘0’
state when the freeze control bits are activated. The serial input
register contains one programmable freeze enable bit for 12 of
the 14 output clocks. The QC0 and FB_OUT outputs can not be
frozen with the serial port, this avoids any potential lock up
situation should an error occur in the loading of the serial data.
An output is frozen when a logic ‘0’ is programmed and enabled
when a logic ‘1’ is written. The enabling and freezing of individual
outputs is done in such a manner as to eliminate the possibility
of partial “runt” clocks.
The serial input register is programmed through the SDATA input
by writing a logic ‘0’ start bit followed by 12 NRZ freeze enable
bits. The period of each SDATA bit equals the period of the free
running SCLK signal. The SDATA is sampled on the rising edge
of SCLK.
Absolute Maximum Ratings[5]
Maximum input voltage relative to VSS:.............. VSS – 0.3 V
Maximum input voltage relative to VDD:.............. VDD + 0.3 V
Storage temperature:................................ –65 °C to +150 °C
Operating temperature: .............................. –40 °C to +85 °C
Maximum ESD protection............................................... 2 kV
Maximum power supply:................................................ 5.5 V
Maximum input current: ............................................. ±20 mA
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric field; however,
precautions should be taken to avoid application of any voltage
higher than the maximum rated voltages to this circuit. For proper
operation, VIN and VOUT should be constrained to the range:
VSS < (VIN or VOUT) < VDD .Unused inputs must always be tied
to an appropriate logic voltage level (either VSS or VDD).
Notes
3. For best performance and accurate frequencies from this device, It is recommended but not mandatory that the chosen crystal meet or exceed these specifications.
4. Larger values may cause this device to exhibit oscillator start-up problems.
5. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11
D0-D3 are the control bits for QA0-QA3, respectively
D4-D7 are the control bits for QB0-QB3, respectively
D8-D10 are the control bits for QC1-QC3, respectively
D11 is the control bit for SYNC
Start
Bit
Table 2. Suggested Oscillator Crystal Parameters
Parameter
Characteristic
Min.
Typ.
Max.
Unit
Conditions
TC
Frequency tolerance
±100
PPM
Note 3
TS
Frequency temperature stability
±100
PPM
(TA –10 to +60 °C)[3]
TA
Aging
5
PPM/Yr
(first 3 years at 25 °C)[3]
CL
Load capacitance
20
pF
The crystal’s rated load.[3]
RESR
Effective series resistance (ESR)
40
80
Ohms
Note 4
[+] Feedback


Similar Part No. - CY29972AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29972AI CYPRESS-CY29972AI Datasheet
70Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29972AI CYPRESS-CY29972AI Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29972AIT CYPRESS-CY29972AIT Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
More results

Similar Description - CY29972AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29973 CYPRESS-CY29973_11 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976 Datasheet
97Kb / 10P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com