Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62136ESL Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62136ESL
Description  2-Mbit (128 K x 16) Static RAM Ultra low standby power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136ESL Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62136ESL Datasheet HTML 1Page - Cypress Semiconductor CY62136ESL Datasheet HTML 2Page - Cypress Semiconductor CY62136ESL Datasheet HTML 3Page - Cypress Semiconductor CY62136ESL Datasheet HTML 4Page - Cypress Semiconductor CY62136ESL Datasheet HTML 5Page - Cypress Semiconductor CY62136ESL Datasheet HTML 6Page - Cypress Semiconductor CY62136ESL Datasheet HTML 7Page - Cypress Semiconductor CY62136ESL Datasheet HTML 8Page - Cypress Semiconductor CY62136ESL Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY62136ESL MoBL®
Document #: 001-48147 Rev. *D
Page 5 of 15
Capacitance
Parameter [9]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz, VCC = VCC(typ)
10
pF
COUT
Output capacitance
10
pF
Thermal Resistance
Parameter [9]
Description
Test Conditions
44-pin TSOP II Unit
JA
Thermal resistance
(Junction to ambient)
Still Air, soldered on a 3 × 4.5 inch, two-layer printed circuit
board
77
C/W
JC
Thermal resistance
(Junction to case)
13
C/W
AC Test Loads and Waveforms
Figure 2. AC Test Loads and Waveforms
Parameters
2.5 V
3.0 V
5.0 V
Unit
R1
16667
1103
1800
R2
15385
1554
990
RTH
8000
645
639
VTH
1.20
1.75
1.77
V
VCC
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
TH
Note
9. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY62136ESL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136ESL CYPRESS-CY62136ESL Datasheet
424Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62136ESL CYPRESS-CY62136ESL Datasheet
477Kb / 15P
   2 Mbit (128K x 16) Static RAM
CY62136ESL-45ZSXI CYPRESS-CY62136ESL-45ZSXI Datasheet
424Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62136ESL-45ZSXI CYPRESS-CY62136ESL-45ZSXI Datasheet
477Kb / 15P
   2 Mbit (128K x 16) Static RAM
CY62136ESL CYPRESS-CY62136ESL_11 Datasheet
477Kb / 15P
   2 Mbit (128K x 16) Static RAM
More results

Similar Description - CY62136ESL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30_12 Datasheet
570Kb / 18P
   2-Mbit (128 K 횞 16) Static RAM
CY7C1011CV33-12AXIT CYPRESS-CY7C1011CV33-12AXIT Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
CY62187EV30_1106 CYPRESS-CY62187EV30_1106 Datasheet
420Kb / 15P
   64-Mbit (4 M x 16) Static RAM Ultra low standby power
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136FV30 CYPRESS-CY62136FV30_11 Datasheet
534Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136EV30_1106 CYPRESS-CY62136EV30_1106 Datasheet
496Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62137FV30_1106 CYPRESS-CY62137FV30_1106 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com