Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62136FV30 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62136FV30
Description  2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136FV30 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62136FV30_11 Datasheet HTML 1Page - Cypress Semiconductor CY62136FV30_11 Datasheet HTML 2Page - Cypress Semiconductor CY62136FV30_11 Datasheet HTML 3Page - Cypress Semiconductor CY62136FV30_11 Datasheet HTML 4Page - Cypress Semiconductor CY62136FV30_11 Datasheet HTML 5Page - Cypress Semiconductor CY62136FV30_11 Datasheet HTML 6Page - Cypress Semiconductor CY62136FV30_11 Datasheet HTML 7Page - Cypress Semiconductor CY62136FV30_11 Datasheet HTML 8Page - Cypress Semiconductor CY62136FV30_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CY62136FV30 MoBL®
2-Mbit (128 K × 16) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-08402 Rev. *J
Revised June 17, 2011
2-Mbit (128 K × 16) Static RAM
Features
Very high speed: 45 ns
Temperature ranges
Industrial: –40 °C to +85 °C
Automotive-A: –40 °C to +85 °C
Automotive-E: –40 °C to +125 °C
Wide voltage range: 2.20 V to 3.60 V
Pin compatible with CY62136V, CY62136CV30/CV33, and
CY62136EV30
Ultra low standby power
Typical standby current: 1 A
Maximum standby current: 5 A (Industrial)
Ultra low active power
Typical active current: 1.6 mA at f = 1 MHz (45 ns speed)
Easy memory expansion with CE and OE features
Automatic power down when deselected
Complementary metal oxide semiconductor (CMOS) for
optimum speed and power
Available in Pb-free 48-ball very fine-pitch ball grid array
(VFBGA) and 44-pin thin small outline package (TSOP) II
packages
Functional Description
The CY62136FV30 is a high performance CMOS static RAM
organized as 128K words by 16 bits. This device features
advanced circuit design to provide ultra low active current. This
is ideal for providing More Battery Life™ (MoBL®) in portable
applications such as cellular telephones. The device also has an
automatic power down feature that significantly reduces power
consumption by 90 percent when addresses are not toggling.
Placing the device into standby mode reduces power
consumption by more than 99 percent when deselected (CE
HIGH). The input and output pins (I/O0 through I/O15) are placed
in a high impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), both Byte High
Enable and Byte Low Enable are disabled (BHE, BLE HIGH) or
during a write operation (CE LOW and WE LOW).
Write to the device by taking Chip Enable (CE) and Write Enable
(WE) inputs LOW. If Byte Low Enable (BLE) is LOW, then data
from I/O pins (I/O0 through I/O7) is written into the location
specified on the address pins (A0 through A16). If Byte High
Enable (BHE) is LOW, then data from I/O pins (I/O8 through
I/O15) is written into the location specified on the address pins
(A0 through A16).
Read from the device by taking Chip Enable (CE) and Output
Enable (OE) LOW while forcing the Write Enable (WE) HIGH. If
Byte Low Enable (BLE) is LOW, then data from the memory
location specified by the address pins appears on I/O0 to I/O7. If
Byte High Enable (BHE) is LOW, then data from memory
appears on I/O8 to I/O15. See the Truth Table on page 11 for a
complete description of read and write modes.
128 K x 16
RAM Array
I/O0–I/O7
A8
A7
A6
A5
A2
COLUMN DECODER
DATA IN DRIVERS
OE
A4
A3
I/O8–I/O15
CE
WE
BHE
A0
A1
A9
A10
BLE
Logic Block Diagram
[+] Feedback


Similar Part No. - CY62136FV30_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136FV30LL CYPRESS-CY62136FV30LL Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136FV30LL-45BVXI CYPRESS-CY62136FV30LL-45BVXI Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136FV30LL-45BVXI CYPRESS-CY62136FV30LL-45BVXI Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62136FV30LL-45ZSXA CYPRESS-CY62136FV30LL-45ZSXA Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62136FV30LL-45ZSXI CYPRESS-CY62136FV30LL-45ZSXI Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62136FV30_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136EV30_1106 CYPRESS-CY62136EV30_1106 Datasheet
496Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62137FV30_1106 CYPRESS-CY62137FV30_1106 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com