Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62136FV30LL-45BVXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62136FV30LL-45BVXI
Description  2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136FV30LL-45BVXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62136FV30LL-45BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62136FV30LL-45BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62136FV30LL-45BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62136FV30LL-45BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62136FV30LL-45BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62136FV30LL-45BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62136FV30LL-45BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62136FV30LL-45BVXI Datasheet HTML 9Page - Cypress Semiconductor CY62136FV30LL-45BVXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CY62136FV30 MoBL®
Document Number: 001-08402 Rev. *J
Page 6 of 16
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions
Min
Typ [10]
Max
Unit
VDR
VCC for data retention
1.5
V
ICCDR [11]
Data retention current
VCC = 1.5 V,
CE > VCC – 0.2 V,
VIN > VCC – 0.2 V or
VIN < 0.2 V
Industrial/
Automotive-A
––
4
A
Automotive-E
12
tCDR [12]
Chip deselect to data retention
time
0–
ns
tR [13]
Operation recovery time
CY62136FV30LL-45
45
ns
CY62136FV30LL-55
55
Data Retention Waveform
Figure 4. Data Retention Waveform [14]
VCC(min)
VCC(min)
tCDR
VDR > 1.5 V
DATA RETENTION MODE
tR
VCC
CE or
BHE.BLE
Notes
10. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
11. Chip enable (CE) and byte enables (BHE and BLE) need to be tied to CMOS levels to meet the ISB1/ ISB2 / ICCDR specification. Other inputs can be left floating.
12. Tested initially and after any design or process changes that may affect these parameters.
13. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 s or stable at VCC(min) > 100 s.
14. BHE.BLE is the AND of both BHE and BLE. Deselect the chip by either disabling chip enable signals or by disabling both BHE and BLE.
[+] Feedback


Similar Part No. - CY62136FV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136FV30LL-45BVXI CYPRESS-CY62136FV30LL-45BVXI Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136FV30LL-45BVXI CYPRESS-CY62136FV30LL-45BVXI Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
More results

Similar Description - CY62136FV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136EV30_1106 CYPRESS-CY62136EV30_1106 Datasheet
496Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62137FV30_1106 CYPRESS-CY62137FV30_1106 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com