Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62137EV30LL-45BVXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY62137EV30LL-45BVXI
Description  2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137EV30LL-45BVXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY62137EV30LL-45BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62137EV30LL-45BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62137EV30LL-45BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62137EV30LL-45BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62137EV30LL-45BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62137EV30LL-45BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62137EV30LL-45BVXI Datasheet HTML 9Page - Cypress Semiconductor CY62137EV30LL-45BVXI Datasheet HTML 10Page - Cypress Semiconductor CY62137EV30LL-45BVXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CY62137EV30 MoBL®
Document #: 38-05443 Rev. *E
Page 7 of 16
Switching Characteristics
Over the Operating Range
Parameter [15, 16]
Description
45 ns
Unit
Min
Max
Read Cycle
tRC
Read cycle time
45
ns
tAA
Address to data valid
45
ns
tOHA
Data hold from address change
10
ns
tACE
CE LOW to data valid
45
ns
tDOE
OE LOW to data valid
22
ns
tLZOE
OE LOW to Low Z [17]
5–
ns
tHZOE
OE HIGH to High Z [17, 18]
–18
ns
tLZCE
CE LOW to Low Z [17]
10
ns
tHZCE
CE HIGH to High Z [17, 18]
–18
ns
tPU
CE LOW to power-up
0
ns
tPD
CE HIGH to power-down
45
ns
tDBE
BLE/BHE LOW to data valid
45
ns
tLZBE
BLE/BHE LOW to Low Z [17]
5–
ns
tHZBE
BLE/BHE HIGH to High Z [17, 18]
–18
ns
Write Cycle [19]
tWC
Write cycle time
45
ns
tSCE
CE LOW to write end
35
ns
tAW
Address setup to write end
35
ns
tHA
Address hold from write end
0
ns
tSA
Address setup to write start
0
ns
tPWE
WE pulse width
35
ns
tBW
BLE/BHE LOW to write end
35
ns
tSD
Data setup to write end
25
ns
tHD
Data hold from write end
0
ns
tHZWE
WE LOW to High Z [17, 18]
–18
ns
tLZWE
WE HIGH to Low Z [17]
10
ns
Notes
15. Test conditions for all parameters other than tri-state parameters assume signal transition time of 3 ns (1V/ns) or less, timing reference levels of VCC(typ)/2, input pulse
levels of 0 to VCC(typ.), and output loading of the specified IOL/IOH as shown in Figure 3 on page 5.
16. AC timing parameters are subject to byte enable signals (BHE or BLE) not switching when chip is disabled. Refer application note, AN13842 for more information.
17. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given
device.
18. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high impedance state.
19. The internal write time of the memory is defined by the overlap of WE, CE = VIL, BHE and BLE = VIL. All signals must be ACTIVE to initiate a write and any of these
signals can terminate a write by going INACTIVE. The data input setup and hold timing should be referenced to the edge of the signal that terminates the write.
[+] Feedback


Similar Part No. - CY62137EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137EV30LL-45BVXI CYPRESS-CY62137EV30LL-45BVXI Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137EV30LL-45BVXI CYPRESS-CY62137EV30LL-45BVXI Datasheet
489Kb / 15P
   2-Mbit (128K x 16) Static RAM
CY62137EV30LL-45BVXI CYPRESS-CY62137EV30LL-45BVXI_12 Datasheet
570Kb / 18P
   2-Mbit (128 K 횞 16) Static RAM
More results

Similar Description - CY62137EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136FV30 CYPRESS-CY62136FV30_11 Datasheet
534Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136EV30_1106 CYPRESS-CY62136EV30_1106 Datasheet
496Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62137FV30_1106 CYPRESS-CY62137FV30_1106 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com