Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62137EV30LL-45ZSXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62137EV30LL-45ZSXI
Description  2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137EV30LL-45ZSXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62137EV30LL-45ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY62137EV30LL-45ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62137EV30LL-45ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62137EV30LL-45ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62137EV30LL-45ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62137EV30LL-45ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62137EV30LL-45ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62137EV30LL-45ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62137EV30LL-45ZSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY62137EV30 MoBL®
Document #: 38-05443 Rev. *E
Page 5 of 16
Capacitance
Parameter [9]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz, VCC = VCC(typ)
10
pF
COUT
Output capacitance
10
pF
Thermal Resistance
Parameter [9]
Description
Test Conditions
48-ball BGA 44-pin TSOP II Unit
JA
Thermal resistance
(junction to ambient)
Still air, soldered on a 3 × 4.5 inch,
two-layer printed circuit board
75
77
C/W
JC
Thermal resistance
(junction to case)
10
13
C/W
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveforms
VCC
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to: THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Parameters
2.50 V
3.0 V
Unit
R1
16667
1103
R2
15385
1554
RTH
8000
645
VTH
1.20
1.75
V
Note
9. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY62137EV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137EV30LL-45ZSXI CYPRESS-CY62137EV30LL-45ZSXI Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137EV30LL-45ZSXI CYPRESS-CY62137EV30LL-45ZSXI Datasheet
489Kb / 15P
   2-Mbit (128K x 16) Static RAM
CY62137EV30LL-45ZSXI CYPRESS-CY62137EV30LL-45ZSXI_12 Datasheet
570Kb / 18P
   2-Mbit (128 K 횞 16) Static RAM
More results

Similar Description - CY62137EV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136FV30 CYPRESS-CY62136FV30_11 Datasheet
534Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136EV30_1106 CYPRESS-CY62136EV30_1106 Datasheet
496Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62137FV30_1106 CYPRESS-CY62137FV30_1106 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com