Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62157E Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62157E
Description  8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157E Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62157E_11 Datasheet HTML 1Page - Cypress Semiconductor CY62157E_11 Datasheet HTML 2Page - Cypress Semiconductor CY62157E_11 Datasheet HTML 3Page - Cypress Semiconductor CY62157E_11 Datasheet HTML 4Page - Cypress Semiconductor CY62157E_11 Datasheet HTML 5Page - Cypress Semiconductor CY62157E_11 Datasheet HTML 6Page - Cypress Semiconductor CY62157E_11 Datasheet HTML 7Page - Cypress Semiconductor CY62157E_11 Datasheet HTML 8Page - Cypress Semiconductor CY62157E_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CY62157E MoBL®
Document #: 38-05695 Rev. *H
Page 3 of 18
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC, (mA)
Standby, ISB2
(
A)
f = 1 MHz
f = fmax
Min
Typ[1]
Max
Typ[1]
Max
Typ[1]
Max
Typ[1]
Max
CY62157ELL
Industrial
4.5
5.0
5.5
45
1.8
3
18
25
2
8
CY62157ELL
Automotive
4.5
5.0
5.5
55
1.8
4
18
35
2
30
Pin Configuration [2, 3]
WE
A11
A10
A6
A0
A3
CE1
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
CE2
A17
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
A18
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
48-ball VFBGA
A16
NC
Vcc
Top View
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
A5
18
17
20
19
27
28
25
26
22
21
23
24
44-pin TSOP II
Top View
A6
A7
A3
A2
A1
A0
A17
A4
A9
A10
A11
A12
A15
A16
OE
BHE
BLE
CE
WE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
VCC
VCC
VSS
VSS
10
A18
A14
A8
A13
Notes
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
2. NC pins are not connected on the die.
3. The 44-pin TSOP II package has only one chip enable (CE) pin.
[+] Feedback


Similar Part No. - CY62157E_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18LL-55BVXI CYPRESS-CY62157EV18LL-55BVXI Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18LL-55BVXI CYPRESS-CY62157EV18LL-55BVXI Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18LL-55BVXI CYPRESS-CY62157EV18LL-55BVXI Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62157E_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com