Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62157ELL-55ZSXE Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62157ELL-55ZSXE
Description  8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157ELL-55ZSXE Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62157ELL-55ZSXE Datasheet HTML 1Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 2Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 3Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 4Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 5Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 6Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 7Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 8Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CY62157E MoBL®
Document #: 38-05695 Rev. *H
Page 4 of 18
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage Temperature ............................. –65 °C to + 150 °C
Ambient Temperature with
Power Applied ........................................ –55 °C to + 125 °C
Supply Voltage to Ground
Potential .........................................................–0.5 V to 6.0 V
DC Voltage Applied to Outputs
in High Z State[4, 5] .........................................–0.5 V to 6.0 V
DC Input Voltage[4, 5] ..................................... –0.5 V to 6.0 V
Output Current into Outputs (LOW) ............................20 mA
Static Discharge Voltage ........................................> 2001 V
(MIL-STD-883, Method 3015)
Latch up Current ....................................................> 200 mA
Operating Range
Device
Range
Ambient
Temperature
VCC[6]
CY62157ELL
Industrial
–40 °C to +85 °C 4.5 V to 5.5 V
Automotive –40 °C to +125 °C
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
45 ns (Industrial)
55 ns (Automotive)
Unit
Min
Typ[7]
Max
Min
Typ[7]
Max
VOH
Output HIGH
Voltage
IOH = –1 mA
2.4
2.4
V
VOL
Output LOW
Voltage
IOL = 2.1 mA
0.4
0.4
V
VIH
Input HIGH
Voltage
VCC = 4.5 V to 5.5 V
2.2
VCC + 0.5
2.2
VCC + 0.5
V
VIL
Input LOW
Voltage
VCC = 4.5 V to 5.5 V
–0.5
0.8
–0.5
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC
–1
+1
–4
+4
A
IOZ
Output Leakage
Current
GND < VO < VCC, Output Disabled
–1
+1
–4
+4
A
ICC
VCC Operating
Supply Current
f = fmax = 1/tRC VCC = VCC(max)
IOUT = 0 mA
CMOS levels
18
25
18
35
mA
f = 1 MHz
1.8
3
1.8
4
ISB1 [8]
Automatic CE
Power Down
Current — CMOS
Inputs
CE1 > VCC 0.2 V or CE2 < 0.2 V
or (BHE and BLE) > VCC – 0.2 V,
VIN > VCC – 0.2 V, VIN < 0.2 V,
f = fmax (Address and Data Only),
f = 0 (OE and WE), VCC = VCC(max)
28–
2
30
A
ISB2 [8]
Automatic CE
Power Down
Current — CMOS
Inputs
CE1 > VCC – 0.2 V or CE2 < 0.2 V
or (BHE and BLE) > VCC – 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V,
f = 0, VCC = VCC(max)
28–
2
30
A
Notes
4. VIL(min) = –2.0 V for pulse durations less than 20 ns for I < 30 mA.
5. VIH(max) = VCC + 0.75 V for pulse durations less than 20 ns.
6. Full device AC operation assumes a 100
s ramp time from 0 to VCC(min) and 200 s wait time after VCC stabilization.
7. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
8. Chip enables (CE1 and CE2) and byte enables (BHE and BLE) need to be tied to CMOS levels to meet the ISB1 / ISB2 / ICCDR spec. Other inputs can be left floating.
[+] Feedback


Similar Part No. - CY62157ELL-55ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157ELL-55ZSXE CYPRESS-CY62157ELL-55ZSXE Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ELL-55ZSXE CYPRESS-CY62157ELL-55ZSXE Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ELL-55ZSXE CYPRESS-CY62157ELL-55ZSXE Datasheet
506Kb / 18P
   8-Mbit (512 K x 16) Static RAM
More results

Similar Description - CY62157ELL-55ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com