Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62158ELL-45ZSXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62158ELL-45ZSXI
Description  8-Mbit (1 M x 8) Static RAM Automatic power down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62158ELL-45ZSXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62158ELL-45ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62158ELL-45ZSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CY62158E MoBL®
Document #: 38-05684 Rev. *H
Page 3 of 16
Pin Configuration
Figure 1. 44-pin TSOP II (Top View) [1]
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
A5
18
17
20
19
23
28
25
24
22
21
27
26
A6
A7
A4
A3
A2
A1
A0
A17
A18
A10
A11
A12
A13
A15
A16
A14
OE
CE2
A8
CE1
WE
NC
NC
I/O0
I/O1
I/O2
I/O3
NC
NC
NC
NC
I/O4
I/O5
I/O6
I/O7
NC
NC
VCC
VCC
VSS
VSS
A9
10
A19
Product Portfolio
Product
VCC Range (V)
Speed (ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2 (A)
f = 1 MHz
f = fmax
Min
Typ [2]
Max
Typ [2]
Max
Typ [2]
Max
Typ [2]
Max
CY62158ELL
4.5
5.0
5.5
45
1.8
3
18
25
2
8
Notes
1. NC pins are not connected on the die.
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
[+] Feedback


Similar Part No. - CY62158ELL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158ELL-45ZSXI CYPRESS-CY62158ELL-45ZSXI Datasheet
330Kb / 10P
   8-Mbit (1M x 8) Static RAM
CY62158ELL-45ZSXI CYPRESS-CY62158ELL-45ZSXI Datasheet
895Kb / 16P
   8-Mbit (1 M x 8) Static RAM
More results

Similar Description - CY62158ELL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY621282BN CYPRESS-CY621282BN Datasheet
441Kb / 12P
   1-Mbit (128K x 8) Static RAM Automatic power-down when deselected
CY62168EV30 CYPRESS-CY62168EV30_11 Datasheet
874Kb / 16P
   16-Mbit (2 M x 8) Static RAM Automatic power-down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62167E CYPRESS-CY62167E_11 Datasheet
526Kb / 17P
   16-Mbit (1 M x 16 / 2 M x 8) Static RAM Automatic power-down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com