Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62158EV30 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62158EV30
Description  8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62158EV30 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62158EV30 Datasheet HTML 6Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 7Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 8Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 9Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 10Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 11Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 12Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 13Page - Cypress Semiconductor CY62158EV30 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CY62158EV30 MoBL®
Document #: 38-05578 Rev. *G
Page 10 of 16
Write Cycle No. 3 (WE Controlled, OE LOW)[24]
Truth Table
CE1
CE2
WE
OE
Inputs/Outputs
Mode
Power
HX[26]
X
X
High Z
Deselect/Power down
Standby (ISB)
X[26]
L
X
X
High Z
Deselect/Power down
Standby (ISB)
L
H
H
L
Data Out
Read
Active (ICC)
L
H
L
X
Data In
Write
Active (ICC)
L
H
H
H
High Z
Selected, Outputs Disabled
Active (ICC)
Switching Waveforms (continued)
VALID DATA
tHD
tSD
tLZWE
tPWE
tSA
tHA
tAW
tSCE
tWC
tHZWE
NOTE 25
CE1
ADDRESS
CE2
WE
DATA I/O
Notes
24. If CE1 goes HIGH or CE2 goes LOW simultaneously with WE HIGH, the output remains in high impedance state.
25. During this period, the I/Os are in output state. Do not apply input signals.
26. The ‘X’ (Don’t care) state for the Chip enables in the truth table refer to the logic state (either HIGH or LOW). Intermediate voltage levels on these pins is not permitted.
[+] Feedback


Similar Part No. - CY62158EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30LL-45BVXI CYPRESS-CY62158EV30LL-45BVXI Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30LL-45BVXI CYPRESS-CY62158EV30LL-45BVXI Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30LL-45ZSXI CYPRESS-CY62158EV30LL-45ZSXI Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30LL-45ZSXI CYPRESS-CY62158EV30LL-45ZSXI Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
More results

Similar Description - CY62158EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138EV30_1106 CYPRESS-CY62138EV30_1106 Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
CY62158E CYPRESS-CY62158E_11 Datasheet
884Kb / 16P
   8-Mbit (1 M x 8) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com