Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62168EV30 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62168EV30
Description  16-Mbit (2 M x 8) Static RAM Automatic power-down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62168EV30 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62168EV30 Datasheet HTML 1Page - Cypress Semiconductor CY62168EV30 Datasheet HTML 2Page - Cypress Semiconductor CY62168EV30 Datasheet HTML 3Page - Cypress Semiconductor CY62168EV30 Datasheet HTML 4Page - Cypress Semiconductor CY62168EV30 Datasheet HTML 5Page - Cypress Semiconductor CY62168EV30 Datasheet HTML 6Page - Cypress Semiconductor CY62168EV30 Datasheet HTML 7Page - Cypress Semiconductor CY62168EV30 Datasheet HTML 8Page - Cypress Semiconductor CY62168EV30 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CY62168EV30 MoBL®
Document #: 001-07721 Rev. *D
Page 2 of 16
Contents
Pin Configuration ............................................................. 3
Product Portfolio .............................................................. 3
Maximum Ratings ............................................................. 4
Operating Range ............................................................... 4
DC Electrical Characteristics .......................................... 4
Capacitance ...................................................................... 5
Thermal Resistance .......................................................... 5
AC Test Loads and Waveforms ....................................... 5
Data Retention Characteristics ....................................... 6
Data Retention Waveform ................................................ 6
Switching Characteristics ................................................ 7
Switching Waveforms ...................................................... 8
Truth Table ...................................................................... 11
Ordering Information ...................................................... 12
Ordering Code Definitions ......................................... 12
Package Diagram ............................................................ 13
Acronyms ........................................................................ 14
Document Conventions ................................................. 14
Units of Measure ....................................................... 14
Document History Page ................................................. 15
Sales, Solutions, and Legal Information ...................... 16
Worldwide Sales and Design Support ....................... 16
Products .................................................................... 16
PSoC Solutions ......................................................... 16
[+] Feedback


Similar Part No. - CY62168EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62168EV30 CYPRESS-CY62168EV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY62168EV30LL-45BVXI CYPRESS-CY62168EV30LL-45BVXI Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
More results

Similar Description - CY62168EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167E CYPRESS-CY62167E_11 Datasheet
526Kb / 17P
   16-Mbit (1 M x 16 / 2 M x 8) Static RAM Automatic power-down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62177EV30 CYPRESS-CY62177EV30_11 Datasheet
281Kb / 15P
   32-Mbit (2 M x 16 / 4 M x 8) Static RAM Automatic power down when deselected
CY62158E CYPRESS-CY62158E_11 Datasheet
884Kb / 16P
   8-Mbit (1 M x 8) Static RAM Automatic power down when deselected
CY62167EV18 CYPRESS-CY62167EV18_11 Datasheet
314Kb / 16P
   16 Mbit (1M x 16) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com