Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62157EV30LL-45ZXA Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62157EV30LL-45ZXA
Description  8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157EV30LL-45ZXA Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62157EV30LL-45ZXA Datasheet HTML 1Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 2Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 3Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 4Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 5Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 6Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 7Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 8Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CY62157EV30 MoBL®
Document #: 38-05445 Rev. *I
Page 3 of 21
Pin Configuration
Figure 1. 48-ball VFBGA (Top View) [1]
Figure 2. 44-pin TSOP II (Top View) [2]
Figure 3. 48-pin TSOP I (512 K × 16/1 M × 8) (Top View) [1, 3]
WE
VCC
A11
A10
NC
A6
A0
A3
CE1
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
VSS
A7
I/O0
BHE
CE2
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5 I/O6
I/O7
A15
A14
A13
A12
NC
A18
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
A17
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
18
17
20
19
27
28
25
26
22
21
23
24
10
A5
A6
A7
A4
A3
A2
A1
A0
A17
A18
A9
A10
A11
A12
A15
A16
A14
A13
OE
BHE
BLE
CE
WE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
VCC
VCC
VSS
VSS
A8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
CE2
NC
BHE
BLE
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
Vss
I/O15/A19
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
Vcc
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
I/O8
I/O0
OE
Vss
CE1
A0
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC, (mA)
Standby, ISB2
(
A)
f = 1 MHz
f = fmax
Min
Typ [4]
Max
Typ [4]
Max
Typ [4]
Max
Typ [4]
Max
CY62157EV30LL
Industrial/Auto-A
2.2
3.0
3.6
45
1.8
3
18
25
2
8
Auto-E
2.2
3.0
3.6
55
1.8
4
18
35
2
30
Notes
1. NC pins are not connected on the die.
2. The 44-pin TSOP II package has only one chip enable (CE) pin.
3. The BYTE pin in the 48-pin TSOP I package must be tied HIGH to use the device as a 512 K × 16 SRAM. The 48-pin TSOP I package can also be used as a 1 M × 8
SRAM by tying the BYTE signal LOW. In the 1 M x 8 configuration, Pin 45 is A19, while BHE, BLE and I/O8 to I/O14 pins are not used (NC).
4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
[+] Feedback


Similar Part No. - CY62157EV30LL-45ZXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV30LL-45ZXA CYPRESS-CY62157EV30LL-45ZXA Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
More results

Similar Description - CY62157EV30LL-45ZXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com