Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYD09S72V Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYD09S72V
Description  FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD09S72V Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYD09S72V Datasheet HTML 3Page - Cypress Semiconductor CYD09S72V Datasheet HTML 4Page - Cypress Semiconductor CYD09S72V Datasheet HTML 5Page - Cypress Semiconductor CYD09S72V Datasheet HTML 6Page - Cypress Semiconductor CYD09S72V Datasheet HTML 7Page - Cypress Semiconductor CYD09S72V Datasheet HTML 8Page - Cypress Semiconductor CYD09S72V Datasheet HTML 9Page - Cypress Semiconductor CYD09S72V Datasheet HTML 10Page - Cypress Semiconductor CYD09S72V Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CYD04S72V
CYD09S72V
CYD18S72V
Document Number : 38-06069 Rev. *L
Page 7 of 30
Master Reset
The FLEx72 family devices undergo a complete reset by taking
the MRST input LOW. MRST input can switch asynchronously to
the clocks. MRST initializes the internal burst counters to zero,
and the counter mask registers to all ones (completely
unmasked). MRST also forces the mailbox interrupt (INT) flags
and the Counter Interrupt (CNTINT) flags HIGH. MRST must be
performed on the FLEx72 family devices after power-up.
Mailbox Interrupts
The upper two memory locations may be used for message
passing and permit communications between ports. Table 2
shows the interrupt operation for both ports using 18 Mbit device
as an example. The highest memory location, 3FFFF is the
mailbox for the right port and 3FFFE is the mailbox for the left
port. Table 2.shows that in order to set the INTR flag, a write
operation by the left port to address 3FFFF will assert INTR LOW.
At least one byte has to be active for a write to generate an
interrupt. A valid Read of the 3FFFF location by the right port will
reset INTR HIGH. At least one byte has to be active in order for
a read to reset the interrupt. When one port writes to the other
port’s mailbox, the INT of the port that the mailbox belongs to is
asserted LOW.
The INT is reset when the owner (port) of the mailbox reads the
contents of the mailbox. The interrupt flag is set in a flow-thru
mode (i.e., it follows the clock edge of the writing port). Also, the
flag is reset in a flow-thru mode (i.e., it follows the clock edge of
the reading port)
Each port can read the other port’s mailbox without resetting the
interrupt. And each port can write to its own mailbox without
setting the interrupt. If an application does not require message
passing, INT pins should be left open.
Table 2. Interrupt Operation Example [22, 23, 24, 25]
Function
Left Port
Right Port
R/WL
CEL
A0L–17L
INTL
R/WR
CER
A0R–17R
INTR
Set Right INTR Flag
L
L
3FFFF
XXXX
L
Reset Right INTR Flag
XXXX
H
L
3FFFF
H
Set Left INTL Flag
X
X
X
L
L
L
3FFFE
X
Reset Left INTL Flag
H
L
3FFFE
H
XXXX
Notes
22. CYD04S72V have 16 address bits, CYD09S72V have 17 address bits and CYD18S72V have 18 bits.
23. CE is internal signal. CE = LOW if CE0 = LOW and CE1 = HIGH. For a single Read operation, CE only needs to be asserted once at the rising edge of the CLK and
can be deasserted after that. Data will be out after the following CLK edge and will be three-stated after the next CLK edge.
24. OE is “Don’t Care” for mailbox operation.
25. At least one of BE0 or BE7 must be LOW.
[+] Feedback


Similar Part No. - CYD09S72V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD09S72V CYPRESS-CYD09S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD09S72V CYPRESS-CYD09S72V Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD09S72V-133BBC CYPRESS-CYD09S72V-133BBC Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD09S72V-133BBC CYPRESS-CYD09S72V-133BBC Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD09S72V-133BBI CYPRESS-CYD09S72V-133BBI Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
More results

Similar Description - CYD09S72V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C0831AV CYPRESS-CY7C0831AV_12 Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com