Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYDMX064B16 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYDMX064B16
Description  16 K/8 K/4 K x 16 MoBL ADM 16 K/8 K/4 K x 16 MoBL ADM High speed access
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDMX064B16 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYDMX064B16 Datasheet HTML 7Page - Cypress Semiconductor CYDMX064B16 Datasheet HTML 8Page - Cypress Semiconductor CYDMX064B16 Datasheet HTML 9Page - Cypress Semiconductor CYDMX064B16 Datasheet HTML 10Page - Cypress Semiconductor CYDMX064B16 Datasheet HTML 11Page - Cypress Semiconductor CYDMX064B16 Datasheet HTML 12Page - Cypress Semiconductor CYDMX064B16 Datasheet HTML 13Page - Cypress Semiconductor CYDMX064B16 Datasheet HTML 14Page - Cypress Semiconductor CYDMX064B16 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CYDMX256A16, CYDMX256B16
CYDMX128A16, CYDMX128B16
CYDMX064A16, CYDMX064B16
Document #: 001-08090 Rev. *G
Page 11 of 25
Electrical Characteristics for 3.0 V
Over the Operating Range
Description
CYDMX256A16
CYDMX128A16
CYDMX256B16
CYDMX128B16
CYDMX064B16
CYDMX256A16
CYDMX128A16
CYDMX064A16
Unit
–65
–65
–90
P1 IO
Voltage
P2 IO
Voltage Min Typ Max
Min
Typ
Max Min Typ
Max
VOH
Output HIGH Voltage (IOH = –2 mA)
3.0 V (any port)
2.1
2.1
2.1
V
VOL
Output LOW Voltage (IOL = 2 mA
3.0 V (any port)
0.4
0.4
0.4
V
VOL
ODR
ODR Output LOW Voltage (IOL = 8 mA 3.0 V (any port)
0.2
0.2
0.2
V
VIH
Input HIGH Voltage
3.0 V (any port)
2.0
VDDIO
+ 0.2
2.0
VDDIO
+ 0.2
2.0
VDDIO
+ 0.2
V
VIL
Input LOW Voltage
3.0 V (any port) –0.2
0.7
–0.2
0.7
–0.2
0.7
V
IOZ
Output Leakage Current
3.0 V
3.0 V
–1
1
–1
1
–1
1
A
ICEX
ODR
ODR Output Leakage Current.
VOUT = VCC
3.0 V
3.0 V
–1
1
–1
1
–1
1
A
IIX
Input Leakage Current
3.0 V
3.0 V
–1
1
–1
1
–1
1
A
ICC
Operating Current
(VCC = Max, IOUT = 0 mA)
Outputs Disabled
Ind.
3.0 V
3.0 V
49
70
49
70
42
60
mA
ISB1
Standby Current
(Both Ports TTL Level)
CE#L and CE#R
 VCC – 0.2,
f = fMAX
Ind.
3.0 V
3.0 V
7
10
7
10
7
10
A
ISB2
Ind.
3.0 V
3.0 V
28
40
28
40
25
35
mA
ISB3
Standby Current
(One Port TTL Level)
CE#L or CE#R
 VIH, f = fMAX
Ind.
3.0 V
3.0 V
6
8
6
8
6
8
A
ISB4
Ind.
3.0 V
3.0 V
28
40
28
40
25
35
mA
Capacitance[22]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25 °C, f = 1 MHz, VCC = 3.0 V
9
pF
COUT
Output Capacitance
10
pF
Note
22. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CYDMX064B16

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM064A08 CYPRESS-CYDM064A08 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064A08-35BVXC CYPRESS-CYDM064A08-35BVXC Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064A08-55BVXC CYPRESS-CYDM064A08-55BVXC Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064A08-55BVXI CYPRESS-CYDM064A08-55BVXI Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064A16 CYPRESS-CYDM064A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
More results

Similar Description - CYDMX064B16

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY7C4285V-15ASXI CYPRESS-CY7C4285V-15ASXI Datasheet
603Kb / 24P
   8 K/16 K/32 K/64 K x 18 Low Voltage Deep Sync FIFOs
logo
Fujitsu Component Limit...
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
   Memory FRAM 128 K (16 K x 8) Bit I2C
logo
Cypress Semiconductor
CY7C008V CYPRESS-CY7C008V_12 Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RC128A FUJITSU-MB85RC128A Datasheet
474Kb / 32P
   128 K (16 K 횞 8) ?볝긿?뉹2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com