Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWB0125AB-BVXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYWB0125AB-BVXI
Description  West Bridge Antioch Memory-mapped interface to main processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWB0125AB-BVXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYWB0125AB-BVXI Datasheet HTML 1Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 2Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 3Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 4Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 5Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 6Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 7Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 8Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ADVANCE
INFORMATION
CYWB012X Family
Document #: 001-05898 Rev.*C
Page 4 of 9
VDD33: In CYWB0124AB, the pin is no-connect internally. However, to migrate to CYWB0224AB, it must be connected to the highest
supply to the device. This supply must always be connected. If USB is used, then VDD33 must be connected to nominal 3.3 V (because
3.3 V is required for USB). VDD33 must be constantly supplied in CYWB0224AB.
Figure 1. 100-pin VFBGA Package Top View
1234
5678
9
10
AADV#
WE#
INT#
DRQ#
D+
D-
UVALID
XTALIN
AVSSQ
VDD33
A
B
DQ[1]
DQ[0]
OE#
DACK#
UVDDQ
UVSSQ
XVDDQ
XTALOUT
AVDDQ
RESETOUT
B
C
DQ[4]
DQ[3]
DQ[2]
XTALSLC[0]
XTALSLC[1]
NANDCFG
WAKEUP
TEST[1]
GPIO[1]
RESET#
C
D
DQ[7]
DQ[6]
DQ[5]
PVDDQ
VDD
GVDDQ
TEST[0]
GPIO[0]
SD_D[1]
SD_D[0]
D
E
DQ[10]
DQ[9]
DQ[8]
VGND
VGND
VGND
VGND
TEST[2]
SD_D[3]
SD_D[2]
E
F
DQ[13]
DQ[12]
DQ[11]
VGND
VGND
VGND
VDD
SD_CLK
SD_D[5]
SD_D[4]
F
G
CE#
DQ[15]
DQ[14]
VDD
VDD
VDD
VDD
SD_CMD
SD_D[7]
SD_D[6]
G
H
A[5]
A[6]
A[7]
PVDDQ
SNVDDQ
NAND_WE#
SSVDDQ
SD_POW
NAND_IO[2]
SD_WP
H
J
A[3]
CLK
A[4]
NAND_R/B#
NAND_CE#
NAND_ALE
NAND_WP#
NAND_IO[5]
NAND_IO[3]
NAND_IO[0]
J
K
A[0]
A[1]
A[2]
NAND_RE#
NAND_CE2#
NAND_CLE
NAND_IO[7]
NAND_IO[6]
NAND_IO[4] NAND_IO[1]
K
1234
5678
9
10
Top View
[+] Feedback


Similar Part No. - CYWB0125AB-BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWB0124AB CYPRESS-CYWB0124AB Datasheet
254Kb / 2P
   West Bridge??: Antioch??USB/Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB_09 Datasheet
259Kb / 2P
   West Bridge,Antioch,USB/Mass Storage Peripheral Controller
More results

Similar Description - CYWB0125AB-BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWB0124AB CYPRESS-CYWB0124AB Datasheet
254Kb / 2P
   West Bridge??: Antioch??USB/Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB_09 Datasheet
259Kb / 2P
   West Bridge,Antioch,USB/Mass Storage Peripheral Controller
CYWB0224ABS CYPRESS-CYWB0224ABS_09 Datasheet
238Kb / 6P
   West Bridge Astoria
logo
Winbond
W86L387D WINBOND-W86L387D Datasheet
375Kb / 25P
   Winbond Host Interface Memory StickTM Bridge
logo
Maxim Integrated Produc...
DSSHA1 MAXIM-DSSHA1 Datasheet
244Kb / 9P
   Memory-Mapped SHA-1 Coprocessor Five 32-Bit Registers to Read MAC Result
Rev 0; 5/11
logo
STMicroelectronics
STV2145 STMICROELECTRONICS-STV2145 Datasheet
157Kb / 17P
   I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
logo
Gamewell-FCI by Honeywe...
ILI-MB-E3 GAMEWELL-FCI-ILI-MB-E3 Datasheet
96Kb / 2P
   Intelligent Loop Interface-Main Board
logo
Winbond
W86L388D WINBOND-W86L388D Datasheet
386Kb / 28P
   W86L388D Winbond Host Interface SD/MMC Memory Card Bridge
logo
Cypress Semiconductor
CYWB0224ABS CYPRESS-CYWB0224ABS Datasheet
228Kb / 6P
   West BridgeTM AstoriaTM
logo
Micronas
CIP3250A MICRONAS-CIP3250A Datasheet
326Kb / 44P
   Component Interface Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com