Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MB08D-120 Datasheet(PDF) 3 Page - Fuji Electric

Part # 1MB08D-120
Description  1200V / 8A Molded Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

1MB08D-120 Datasheet(HTML) 3 Page - Fuji Electric

  1MB08D-120 Datasheet HTML 1Page - Fuji Electric 1MB08D-120 Datasheet HTML 2Page - Fuji Electric 1MB08D-120 Datasheet HTML 3Page - Fuji Electric 1MB08D-120 Datasheet HTML 4Page - Fuji Electric 1MB08D-120 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Characteristics
1MB08-120,1MB08D-120
1MB08-120, 1MB08D-120
Molded IGBT
Collector current vs. Collector-Emitter voltage
Tj=25°C
Collector current vs. Collector-Emitter voltage
Tj=125°C
Collector-Emitter vs. Gate-Emitter voltage
Tj=25°C
Collector-Emitter vs. Gate-Emitter voltage
Tj=125°C
Switching time vs. Collector current
Vcc=600V, RG=200 ohm, VGE=±15V, Tj=25°C
Switching time vs. Collector current
Vcc=600V, RG=200 ohm, VGE=±15V, Tj=125°C
Collector-Emitter voltage : VCE [V]
Collector-Emitter voltage : VCE [V]
0
1
2
3
4
5
0
5
10
15
20
Gate-Emitter voltage : VGE [V]
Gate-Emitter voltage : VGE [V]
100
Collector current : Ic [A]
Collector current : Ic [A]
0
2
4
6
8
10
20
15
10
5
0
10
8
6
4
2
0
1000
10
8
6
4
2
0
100
1000
0
1
2
3
4
5
0
5
10
15
20
0
2
4
6
8
10
20
15
10
5
0


Similar Part No. - 1MB08D-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MB08D-120 FUJI-1MB08D-120 Datasheet
279Kb / 5P
   Fuji Discrete Package IGBT
More results

Similar Description - 1MB08D-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBH08D-120 FUJI-1MBH08D-120_09 Datasheet
502Kb / 4P
   1200V / 8A Molded Package
1MBH25-120 FUJI-1MBH25-120_01 Datasheet
254Kb / 5P
   1200V / 25A Molded Package
1MB10-120 FUJI-1MB10-120_01 Datasheet
243Kb / 5P
   1200V / 10A Molded Package
1MBH10D-120 FUJI-1MBH10D-120_09 Datasheet
1Mb / 5P
   1200V / 10A Molded Package
logo
MacMic
MM8FU120K MACMIC-MM8FU120K Datasheet
229Kb / 3P
   1200V 8A FRED
logo
Fuji Electric
6MBI8F-120 FUJI-6MBI8F-120 Datasheet
121Kb / 4P
   IGBT(1200V 8A)
6MBI8L-120 FUJI-6MBI8L-120 Datasheet
123Kb / 4P
   IGBT(1200V 8A)
logo
Intersil Corporation
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
   8A, 1200V Hyperfast Diode
RURP8120 INTERSIL-RURP8120 Datasheet
49Kb / 4P
   8A, 1200V Ultrafast Diode
logo
Fairchild Semiconductor
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
351Kb / 5P
   8A, 1200V Hyperfast Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com