Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MBH10D-060_0409 Datasheet(PDF) 2 Page - Fuji Electric

Part # 1MBH10D-060_0409
Description  600V / 10A Molded Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

1MBH10D-060_0409 Datasheet(HTML) 2 Page - Fuji Electric

  1MBH10D-060_0409 Datasheet HTML 1Page - Fuji Electric 1MBH10D-060_0409 Datasheet HTML 2Page - Fuji Electric 1MBH10D-060_0409 Datasheet HTML 3Page - Fuji Electric 1MBH10D-060_0409 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics
1MBH10D-060
Molded IGBT
Collector current vs. Collector-Emitter voltage
Tj=25°C
Collector-Emitter voltage : VCE (V)
Collector-Emitter voltage : VCE (V)
Collector current vs. Collector-Emitter voltage
Tj=125°C
Collector-Emitter voltage vs. Gate-Emitter voltage
Tj=25°C
Collector-Emitter voltage vs. Gate-Emitter voltage
Tj=125°C
Gate-Emitter voltage : VGE (V)
Gate-Emitter voltage : VGE (V)
Switching time vs. Collector current
VCC=300V, RG=22
Ω, VGE=±15V, Tj=25°C
Switching time vs. Collector current
VCC=300V, RG=22
Ω, VGE=±15V, Tj=125°C
Collector current : IC (A)
Collector current : IC (A)


Similar Part No. - 1MBH10D-060_0409

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBH10D-060 FUJI-1MBH10D-060 Datasheet
347Kb / 13P
   Ratings and characteristics of Fuji IGBT?
More results

Similar Description - 1MBH10D-060_0409

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBC10-060 FUJI-1MBC10-060_10 Datasheet
245Kb / 5P
   600V / 10A Molded Package
1MB10-120 FUJI-1MB10-120_01 Datasheet
243Kb / 5P
   1200V / 10A Molded Package
1MBH10D-120 FUJI-1MBH10D-120_09 Datasheet
1Mb / 5P
   1200V / 10A Molded Package
1MBC15-060 FUJI-1MBC15-060_01 Datasheet
282Kb / 5P
   600V / 15A Molded Package
1MBH50-060 FUJI-1MBH50-060_01 Datasheet
233Kb / 5P
   600V / 50A Molded Package
1MBH50D-060S FUJI-1MBH50D-060S_04 Datasheet
436Kb / 5P
   600V / 50A Molded Package
1MBC05-060 FUJI-1MBC05-060_01 Datasheet
369Kb / 5P
   600V / 5A Molded Package
1MB30-060 FUJI-1MB30-060_01 Datasheet
253Kb / 5P
   600V / 30A Molded Package
1MBH15D-060 FUJI-1MBH15D-060_04 Datasheet
496Kb / 4P
   600V / 15A Molded Package
1MBH75D-060S FUJI-1MBH75D-060S_04 Datasheet
457Kb / 5P
   600V / 75A Molded Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com