Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-NF25 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # STK14C88-NF25
Description  32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-NF25 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button STK14C88-NF25 Datasheet HTML 6Page - Cypress Semiconductor STK14C88-NF25 Datasheet HTML 7Page - Cypress Semiconductor STK14C88-NF25 Datasheet HTML 8Page - Cypress Semiconductor STK14C88-NF25 Datasheet HTML 9Page - Cypress Semiconductor STK14C88-NF25 Datasheet HTML 10Page - Cypress Semiconductor STK14C88-NF25 Datasheet HTML 11Page - Cypress Semiconductor STK14C88-NF25 Datasheet HTML 12Page - Cypress Semiconductor STK14C88-NF25 Datasheet HTML 13Page - Cypress Semiconductor STK14C88-NF25 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
STK14C88
Document Number: 001-52038 Rev. *C
Page 10 of 20
Software STORE/RECALL Mode Selection
E
W
A13 - A0 (hex)
Mode
I/O
POWER
Notes
L
H
0E38
31C7
03E0
3C1F
303F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Output Data
Output Data
Output Data
Output Data
Output Data
Active
13, 17, 18, 19
0FC0
Nonvolatile STORE
Output High Z
ICC2
L
H
0E38
31C7
03E0
3C1F
303F
0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
13, 17, 18, 19
Software-Controlled STORE/RECALL Cycle
NO.
Symbols
Parameter
STK14C88-25 STK14C88-35 STK14C88-45
Unit
Notes
Standard
Alt.
Min
Max
Min
Max
Min
Max
33
tAVAV
tRC
STORE/RECALL Initiation Cycle Time
35
45
55
ns
13
34
tAVEL
tAS
Address Setup Time
0
0
0
ns
20, 21
35
tELEH
tCW
Clock Pulse Width
25
30
35
ns
20, 21
36
tELAX
Address Hold Time
20
20
20
ns
20, 21
37
tRECALL
RECALL Duration
20
20
20
s–
Figure 10. E Controlled Software STORE/RECALL Cycle [21]
Notes
17. The six consecutive addresses must be in the order listed. W must be high during all six consecutive E controlled cycles to enable a nonvolatile cycle.
18. While there are 15 addresses on the STK14C88, only the lower 14 are used to control software modes.
19. I/O state assumes G < VIL. Activation of nonvolatile cycles does not depend on state of G.
20. The software sequence is clocked on the falling edge of E controlled reads without involving G (double clocking aborts the sequence).
21. The six consecutive addresses must be in the order listed in the Software STORE/RECALL Mode Selection Table: (0E38, 31C7, 03E0, 3C1F, 303F, 0FC0) for a STORE
cycle or (0E38, 31C7, 03E0, 3C1F, 303F, 0C63) for a RECALL cycle. W must be high during all six consecutive cycles.
DATA VALID
HIGH IMPEDANCE
ADDRESS #6
ADDRESS #1
DATA VALID
33
tAVAV
DATA VALID
DQ (DATA
E
ADDRESS
29
37
tSTORE / tRECALL
33
tAVAV
34
tAVEL
35
tELEH
36
tELAX
[+] Feedback


Similar Part No. - STK14C88-NF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-NF25 SIMTEK-STK14C88-NF25 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF25 SIMTEK-STK14C88-NF25 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF25I SIMTEK-STK14C88-NF25I Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF25I SIMTEK-STK14C88-NF25I Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF25ITR SIMTEK-STK14C88-NF25ITR Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK14C88-NF25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com