Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-NF35 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # STK14C88-NF35
Description  32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-NF35 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button STK14C88-NF35 Datasheet HTML 3Page - Cypress Semiconductor STK14C88-NF35 Datasheet HTML 4Page - Cypress Semiconductor STK14C88-NF35 Datasheet HTML 5Page - Cypress Semiconductor STK14C88-NF35 Datasheet HTML 6Page - Cypress Semiconductor STK14C88-NF35 Datasheet HTML 7Page - Cypress Semiconductor STK14C88-NF35 Datasheet HTML 8Page - Cypress Semiconductor STK14C88-NF35 Datasheet HTML 9Page - Cypress Semiconductor STK14C88-NF35 Datasheet HTML 10Page - Cypress Semiconductor STK14C88-NF35 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STK14C88
Document Number: 001-52038 Rev. *C
Page 7 of 20
SRAM Write Cycle #1 and #2
(VCC = 5.0V ± 10%)[4]
NO.
Symbols
Parameter
STK14C88-25 STK14C88-35 STK14C88-45
Unit
Min
Max
Min
Max
Min
Max
#1
#2
Alt.
12
tAVAV
tAVAV
tWC
Write Cycle Time
25
35
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
20
25
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
20
25
30
ns
15
tDVWH
tDVEH
tDW
Data Setup to End of Write
10
12
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Setup to End of Write
20
25
30
ns
18
tAVWL
tAVEL
tAS
Address Setup to Start of Write
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
0
ns
20
tWLQZ
[8, 9]
tWZ
Write Enable to Output Disable
10
13
15
ns
21
tWHQX
tOW
Output Active after End of Write
5
5
5
ns
Figure 6. SRAM Write Cycle 1: W Controlled [10, 11]
Figure 7. SRAM Write Cycle 2: E Controlled [10, 11]
DATA OUT
E
ADDRESS
W
DATA IN
PREVIOUS DATA
12
tAVAV
13
tWHDX
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
12
tAVAV
16
tEHDX
13
tWLEH
19
tEHAX
18
tAVEL
17
tAVEH
DATA VALID
15
tDVEH
HIGH IMPEDANCE
14
tELEH
DATA OUT
E
ADDRESS
W
DATA IN
Notes
9. If W is low when E goes low, the outputs remain in the high impedance state.
10. E or W must be VIH during address transitions.
11. HSB must be high during SRAM write cycles.
[+] Feedback


Similar Part No. - STK14C88-NF35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-NF35 SIMTEK-STK14C88-NF35 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF35 SIMTEK-STK14C88-NF35 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF35I SIMTEK-STK14C88-NF35I Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF35I SIMTEK-STK14C88-NF35I Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF35ITR SIMTEK-STK14C88-NF35ITR Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK14C88-NF35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com