Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK15C88-SF25I Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # STK15C88-SF25I
Description  256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88-SF25I Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button STK15C88-SF25I Datasheet HTML 6Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 7Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 8Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 9Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 10Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 11Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 12Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 13Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
STK15C88
Document Number: 001-50593 Rev. *C
Page 10 of 17
SRAM Write Cycle
Parameter
Description
25 ns
45 ns
Unit
Min
Max
Min
Max
Cypress
Parameter
Alt
tWC
tAVAV
Write Cycle Time
25
45
ns
tPWE
tWLWH, tWLEH
Write Pulse Width
20
30
ns
tSCE
tELWH, tELEH
Chip Enable To End of Write
20
30
ns
tSD
tDVWH, tDVEH
Data Setup to End of Write
10
15
ns
tHD
tWHDX, tEHDX
Data Hold After End of Write
0
0
ns
tAW
tAVWH, tAVEH
Address Setup to End of Write
20
30
ns
tSA
tAVWL, tAVEL
Address Setup to Start of Write
0
0
ns
tHA
tWHAX, tEHAX
Address Hold After End of Write
0
0
ns
tHZWE
[7,8]
tWLQZ
Write Enable to Output Disable
10
15
ns
tLZWE
[7]
tWHQX
Output Active After End of Write
5
5
ns
Switching Waveforms
Figure 7. SRAM Write Cycle 1: WE Controlled [8]
Figure 8. SRAM Write Cycle 2: CE Controlled [8]
tWC
tSCE
tHA
tAW
tSA
tPWE
tSD
tHD
tHZWE
tLZWE
ADDRESS
CE
WE
DATA IN
DATA OUT
DATA VALID
HIGH IMPEDANCE
PREVIOUS DATA
tWC
ADDRESS
tSA
tSCE
tHA
tAW
tPWE
tSD
tHD
CE
WE
DATA IN
DATA OUT
HIGH IMPEDANCE
DATA VALID
Notes
8. If WE is Low when CE goes Low, the outputs remain in the high impedance state.
9. CE or WE must be greater than VIH during address transitions.
[+] Feedback


Similar Part No. - STK15C88-SF25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88-SF25I SIMTEK-STK15C88-SF25I Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-SF25I CYPRESS-STK15C88-SF25I Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
STK15C88-SF25ITR SIMTEK-STK15C88-SF25ITR Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-SF25ITR CYPRESS-STK15C88-SF25ITR Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results

Similar Description - STK15C88-SF25I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com