Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MBI200S-120 Datasheet(PDF) 5 Page - Fuji Electric

Part # 1MBI200S-120
Description  IGBT MODULE 1200V / 200A / 1 in one package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

1MBI200S-120 Datasheet(HTML) 5 Page - Fuji Electric

  1MBI200S-120 Datasheet HTML 1Page - Fuji Electric 1MBI200S-120 Datasheet HTML 2Page - Fuji Electric 1MBI200S-120 Datasheet HTML 3Page - Fuji Electric 1MBI200S-120 Datasheet HTML 4Page - Fuji Electric 1MBI200S-120 Datasheet HTML 5Page - Fuji Electric 1MBI200S-120 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


Similar Part No. - 1MBI200S-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBI200F-120 FUJI-1MBI200F-120 Datasheet
130Kb / 4P
   IGBT MODULE(F series)
1MBI200HH-120L-50 FUJI-1MBI200HH-120L-50 Datasheet
483Kb / 7P
   IGBT MODULE 1200V / 200A / 1 in one package
1MBI200L-120 FUJI-1MBI200L-120 Datasheet
131Kb / 4P
   IGBT MODULE(L series)
1MBI200N-120 FUJI-1MBI200N-120 Datasheet
88Kb / 4P
   IGBT MODULE
1MBI200NA-120 FUJI-1MBI200NA-120 Datasheet
152Kb / 4P
   IGBT MODULE ( N series )
More results

Similar Description - 1MBI200S-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBI200HH-120L-50 FUJI-1MBI200HH-120L-50 Datasheet
483Kb / 7P
   IGBT MODULE 1200V / 200A / 1 in one package
1MBI200U4H-120L-50 FUJI-1MBI200U4H-120L-50 Datasheet
466Kb / 7P
   IGBT MODULE (U series) 1200V / 200A / 1 in one package
2MBI200VB-120-50 FUJI-2MBI200VB-120-50 Datasheet
419Kb / 6P
   IGBT MODULE (V series) 1200V / 200A / 2 in one package
2MBI200VH-120-50 FUJI-2MBI200VH-120-50 Datasheet
409Kb / 6P
   IGBT MODULE (V series) 1200V / 200A / 2 in one package
2MBI200HH-120-50 FUJI-2MBI200HH-120-50 Datasheet
552Kb / 6P
   HIGH SPEED IGBT MODULE 1200V / 200A / 2 in one package
1MBI400HH-120L-50 FUJI-1MBI400HH-120L-50 Datasheet
502Kb / 7P
   IGBT MODULE 1200V / 400A / 1 in one package
1MBI400S-120 FUJI-1MBI400S-120 Datasheet
365Kb / 4P
   1200V / 400A 1 in one-package IGBT Module
6MBI10S-120 FUJI-6MBI10S-120_08 Datasheet
314Kb / 6P
   IGBT MODULE 1200V / 600 / 1 in one package
1MBI300HH-120L-50 FUJI-1MBI300HH-120L-50 Datasheet
493Kb / 7P
   IGBT MODULE 1200V / 300A / 1 in one package
logo
List of Unclassifed Man...
2MBI200S-120 ETC2-2MBI200S-120 Datasheet
499Kb / 4P
   1200V / 200A 2 in one-package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com