Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK15C88-NF45I Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # STK15C88-NF45I
Description  256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88-NF45I Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button STK15C88-NF45I Datasheet HTML 3Page - Cypress Semiconductor STK15C88-NF45I Datasheet HTML 4Page - Cypress Semiconductor STK15C88-NF45I Datasheet HTML 5Page - Cypress Semiconductor STK15C88-NF45I Datasheet HTML 6Page - Cypress Semiconductor STK15C88-NF45I Datasheet HTML 7Page - Cypress Semiconductor STK15C88-NF45I Datasheet HTML 8Page - Cypress Semiconductor STK15C88-NF45I Datasheet HTML 9Page - Cypress Semiconductor STK15C88-NF45I Datasheet HTML 10Page - Cypress Semiconductor STK15C88-NF45I Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STK15C88
Document Number: 001-50593 Rev. *C
Page 7 of 17
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage Temperature ............................... –65
C to +150 C
Temperature under bias............................ –55
C to +125 C
Supply Voltage on VCC Relative to GND ........–0.5 V to 7.0 V
Voltage on Input Relative to Vss.......... –0.6 V to VCC + 0.5 V
Voltage on DQ0-7 .................................–0.5 V to Vcc + 0.5 V
Power Dissipation ........................................................ 1.0 W
DC output Current (1 output at a time, 1s duration) .... 15 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
C to +70 C
4.5 V to 5.5 V
Industrial
–40
C to +85 C
4.5 V to 5.5 V
DC Electrical Characteristics
Over the operating range (VCC = 4.5 V to 5.5 V)
Parameter
Description
Test Conditions
Min
Max
Unit
ICC1
Average VCC Current tRC = 25 ns
tRC = 45 ns
Dependent on output loading and cycle rate. Values
obtained without output loads.
IOUT = 0 mA.
Commercial
97
70
mA
mA
Industrial
100
70
mA
mA
ICC2
Average VCC Current
during STORE
All Inputs Do Not Care, VCC = Max
Average current for duration tSTORE
–3
mA
ICC3
Average VCC Current
at tRC= 200 ns, 5V,
25°C Typical
WE > (VCC – 0.2V). All other inputs cycling.
Dependent on output loading and cycle rate. Values obtained without
output loads.
–10
mA
ICC4
Average Current
during AutoStore
Cycle
All Inputs Do Not Care, VCC = Max
Average current for duration tSTORE
–2
mA
ISB1
[3]
Average VCC Current
(Standby, Cycling
TTL Input Levels)
tRC = 25ns, CE > VIH
tRC = 45ns, CE > VIH
Commercial
30
22
mA
Industrial
31
23
mA
ISB2
[3]
VCC Standby Current
(Standby, Stable
CMOS Input Levels)
CE > (VCC – 0.2 V). All others VIN < 0.2 V or > (VCC – 0.2 V).
1.5
mA
IIX
Input Leakage
Current
VCC = Max, VSS < VIN < VCC
–1
+1
A
IOZ
Off State Output
Leakage Current
VCC = Max, VSS < VIN < VCC, CE or OE > VIH or WE < VIL
–5
+5
A
VIH
Input HIGH Voltage
2.2
VCC +
0.5
V
VIL
Input LOW Voltage
VSS
0.5
0.8
V
VOH
Output HIGH Voltage IOUT = –4 mA
2.4
V
VOL
Output LOW Voltage IOUT = 8 mA
0.4
V
Note
3. CE > VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out.
[+] Feedback


Similar Part No. - STK15C88-NF45I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88-NF45I SIMTEK-STK15C88-NF45I Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF45I CYPRESS-STK15C88-NF45I Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
STK15C88-NF45ITR SIMTEK-STK15C88-NF45ITR Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF45ITR CYPRESS-STK15C88-NF45ITR Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results

Similar Description - STK15C88-NF45I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com