Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-5K35M Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # STK14C88-5K35M
Description  32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-5K35M Datasheet(HTML) 4 Page - Cypress Semiconductor

  STK14C88-5K35M Datasheet HTML 1Page - Cypress Semiconductor STK14C88-5K35M Datasheet HTML 2Page - Cypress Semiconductor STK14C88-5K35M Datasheet HTML 3Page - Cypress Semiconductor STK14C88-5K35M Datasheet HTML 4Page - Cypress Semiconductor STK14C88-5K35M Datasheet HTML 5Page - Cypress Semiconductor STK14C88-5K35M Datasheet HTML 6Page - Cypress Semiconductor STK14C88-5K35M Datasheet HTML 7Page - Cypress Semiconductor STK14C88-5K35M Datasheet HTML 8Page - Cypress Semiconductor STK14C88-5K35M Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
STK14C88
Document Number: 001-52038 Rev. *C
Page 4 of 20
Absolute Maximum Ratings
Voltage on Input Relative to Ground...............–0.5 V to 7.0 V
Voltage on Input Relative to V
SS .........–0.6 V to (V
CC + 0.5 V)
Voltage on DQ
0-7 or HSB ....................–0.5 V to (V
CC + 0.5 V)
Temperature under Bias ............................. –55
C to 125 C
Storage Temperature .................................. –65
C to 150 C
Power Dissipation ............................................................ 1 W
DC Output Current (1 output at a time, 1s duration).... 15 mA
Note Stresses greater than those listed under “Absolute
Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only, and functional operation of the device
at conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
DC Characteristics
Over the operating range (VCC = 5.0 V ± 10%)
[4]
Symbol
Parameter
Commercial
Industrial/
Military
Unit
Notes
Min
Max
Min
Max
ICC1[1]
Average VCC Current
97
80
70
100
85
70
mA
mA
mA
tAVAV = 25 ns
tAVAV = 35 ns
tAVAV = 45 ns
ICC2[2]
Average VCC Current during
STORE
3
3
mA
All Inputs Don’t Care, VCC =
max
ICC3
[1]
Average VCC Current at tAVAV =
200 ns
5V, 25°C, Typical
–10
10
mA
W
 (V
CC– 0.2V)
All Others Cycling, CMOS
Levels
ICC4
[2]
Average VCAP Current during
AutoStore Cycle
2
2
mA
All Inputs Don’t Care
ISB1[3]
Average VCC Current
(Standby, Cycling TTL Input
Levels)
–30
25
22
–31
26
23
mA
mA
mA
tAVAV = 25 ns, E  VIH
tAVAV = 35 ns, E  VIH
tAVAV = 45 ns, E  VIH
ISB2[3]
VCC Standby Current
(Standby, Stable CMOS Input
Levels)
–1.5
1.5
mA
E
 (V
CC – 0.2V)
All Others VIN  0.2V or  (VCC
– 0.2V)
IILK
Input Leakage Current
1–
1
AV
CC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
5–
5
AV
CC = max
VIN = VSS to VCC, E or G VIH
VIH
Input Logic “1” Voltage
2.2
VCC + 0.5
2.2
VCC +0.5
V
All Inputs
VIL
Input Logic “0” Voltage
VSS – .5
0.8
VSS – .5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 4 mA except HSB
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 8 mA except HSB
VBL
Logic “0” Voltage on HSB Output
0.4
0.4
V
IOUT = 3 mA
TA
Operating Temperature
0
70
- 40/-55
85/125
C
Notes
1. ICC1 and ICC3 are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
2. ICC2 and ICC4 are the average currents required for the duration of the respective STORE cycles (tSTORE).
3. E
 V
IH does not produce standby current levels until any nonvolatile cycle in progress has timed out.
4. VCC reference levels throughout this data sheet refer to VCC if that is where the power supply connection is made, or VCAP if VCC is connected to ground.
[+] Feedback


Similar Part No. - STK14C88-5K35M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-5K35M ETC1-STK14C88-5K35M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK14C88-5K35M SIMTEK-STK14C88-5K35M Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5K35M CYPRESS-STK14C88-5K35M Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results

Similar Description - STK14C88-5K35M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com