Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MBI200U2A-060_0409 Datasheet(PDF) 2 Page - Fuji Electric

Part # 2MBI200U2A-060_0409
Description  IGBT Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI200U2A-060_0409 Datasheet(HTML) 2 Page - Fuji Electric

  2MBI200U2A-060_0409 Datasheet HTML 1Page - Fuji Electric 2MBI200U2A-060_0409 Datasheet HTML 2Page - Fuji Electric 2MBI200U2A-060_0409 Datasheet HTML 3Page - Fuji Electric 2MBI200U2A-060_0409 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2MBI200U2A-060
IGBT Module
Characteristics (Representative)
Collector current vs. Collector-Emitter voltage (typ.)
Tj= 125°C / chip
Capacitance vs. Collector-Emitter voltage (typ.)
Dynamic Gate charge (typ.)
Collector current vs. Collector-Emitter voltage (typ.)
Tj= 25°C / chip
Collector current vs. Collector-Emitter voltage (typ.)
VGE=15V / chip
Tj=25°C / chip
Collector-Emitter voltage vs. Gate-Emitter voltage (typ.)
Vcc=300V, Ic=200A, Tj= 25°C
0
100
200
300
400
500
01
234
5
Collector-Emitter voltage : VCE [V]
VGE=20V 15V 12V
10V
8V
0
100
200
300
400
500
0
123
45
Collector-Emitter voltage : VCE [V]
VGE=20V 15V 12V
10V
8V
0
100
200
300
400
500
01
234
5
Collector-Emitter voltage : VCE [V]
Tj=125°C
Tj=25°C
0
2
4
6
8
10
5
1015
2025
Gate - Emitter voltage : VGE [ V ]
Ic=400A
Ic=200A
Ic=100A
0.1
1.0
10.0
100.0
010
20
30
Collector-Emitter voltage : VCE [V]
Cies
Coes
Cres
0
200
400
600
800
Gate charge : Qg [ nC ]
VGE
VCE


Similar Part No. - 2MBI200U2A-060_0409

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI200U2A-060 FUJI-2MBI200U2A-060 Datasheet
748Kb / 13P
   IGBT module
More results

Similar Description - 2MBI200U2A-060_0409

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com