Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3676-01S Datasheet(PDF) 2 Page - Fuji Electric

Part # 2SK3676-01S
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3676-01S Datasheet(HTML) 2 Page - Fuji Electric

  2SK3676-01S Datasheet HTML 1Page - Fuji Electric 2SK3676-01S Datasheet HTML 2Page - Fuji Electric 2SK3676-01S Datasheet HTML 3Page - Fuji Electric 2SK3676-01S Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Characteristics
2SK3676-01L,S,SJ
FUJI POWER MOSFET
0
255075
100
125
150
0
50
100
150
200
250
Allowable Power Dissipation
PD=f(Tc)
Tc [
°C]
0
5
10
15
20
0
2
4
6
8
20V
7.0V
10V
8.0V
6.5V
6.0V
VDS [V]
Typical Output Characteristics
ID=f(VDS):80
µs pulse test,Tch=25°C
VGS=5.5V
01234
5678
9
10
0.1
1
10
VGS[V]
Typical Transfer Characteristic
ID=f(VGS):80
µs pulse test,VDS=25V,Tch=25°C
0.1
1
10
1
10
ID [A]
Typical Transconductance
gfs=f(ID):80
µs pulse test,VDS=25V,Tch=25°C
024
6
8
10
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
7.0V
6.5V
ID [A]
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80
µs pulse test,Tch=25°C
10V
20V
8.0V
6.0V
VGS=5.5V
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
Tch [
°C]
typ.
max.
Drain-Source On-state Resistance
RDS(on)=f(Tch):ID=3A,VGS=10V


Similar Part No. - 2SK3676-01S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3676-01S ISC-2SK3676-01S Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3676-01SJ ISC-2SK3676-01SJ Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3676-01S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com