Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3499 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N3499
Description  Chip Type 2C3501 Geometry 5620 Polarity NPN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3499 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N3499 Datasheet HTML 1Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Type 2C3501
Geometry 5620
Polarity NPN
Data Sheet No. 2C3501
Generic Packaged Parts:
2N3498, 2N3499, 2N3500,
2N3501
Chip type 2C3501 by Semicoa Semi-
conductors provides performance
similar to these devices.
Product Summary:
Part Numbers:
2N3498, 2N3498L, 2N3499, 2N3499L, 2N3500,
2N3500L, 2N3501, 2N3501L
APPLICATIONS: Designed for switch-
ing and amplifier applications.
Features:
Top
Al - 22.5 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
5.0 mils diameter
Base
5.0 mils diameter
Die Thickness
Chip Area
Top Surface
30 mils x 30 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCEO
IC = 10.0 mA, IB = 0
150
---
V dc
BVCBO
IC = 10 µA, IE = 0
150
---
V dc
BVEBO
IE = 10 µA, IC = 0
6.0
---
V dc
ICBO
VCB = 75 Vc, IE = 0
---
50
nA
hFE
IC = 150 mA dc, VCE = 10.0 V
100
300
---
Electrical Characteristics
TA = 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.


Similar Part No. - 2N3499

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3499 SEMICOA-2N3499 Datasheet
46Kb / 2P
   Type 2N3499 Geometry 5620 Polarity NPN
logo
Microsemi Corporation
2N3499 MICROSEMI-2N3499 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3499 CENTRAL-2N3499 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Semicoa Semiconductor
2N3499 SEMICOA-2N3499 Datasheet
110Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N3499 MICROSEMI-2N3499 Datasheet
111Kb / 3P
   RADIATION HARDENED
More results

Similar Description - 2N3499

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
2N3499L SEMICOA-2N3499L Datasheet
45Kb / 2P
   Type 2N3499L Geometry 5620 Polarity NPN
2N3498 SEMICOA-2N3498 Datasheet
47Kb / 2P
   Type 2N3498 Geometry 5620 Polarity NPN
2N3500L SEMICOA-2N3500L Datasheet
45Kb / 2P
   Type 2N3500L Geometry 5620 Polarity NPN
2N3499 SEMICOA-2N3499 Datasheet
46Kb / 2P
   Type 2N3499 Geometry 5620 Polarity NPN
2N3501L SEMICOA-2N3501L Datasheet
45Kb / 2P
   Type 2N3501L Geometry 5620 Polarity NPN
2C918 SEMICOA-2C918 Datasheet
30Kb / 1P
   Chip Type 2C918 Geometry 0013 Polarity NPN
2C2222A SEMICOA-2C2222A Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
2C2857 SEMICOA-2C2857 Datasheet
30Kb / 1P
   Chip Type 2C2857 Geometry 0011 Polarity NPN
2C3506 SEMICOA-2C3506 Datasheet
31Kb / 1P
   Chip Type 2C3506 Geometry 1506 Polarity NPN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com