Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7291BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7291BCPZ
Description  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7291BCPZ Datasheet HTML 2Page - Analog Devices AD7291BCPZ Datasheet HTML 3Page - Analog Devices AD7291BCPZ Datasheet HTML 4Page - Analog Devices AD7291BCPZ Datasheet HTML 5Page - Analog Devices AD7291BCPZ Datasheet HTML 6Page - Analog Devices AD7291BCPZ Datasheet HTML 7Page - Analog Devices AD7291BCPZ Datasheet HTML 8Page - Analog Devices AD7291BCPZ Datasheet HTML 9Page - Analog Devices AD7291BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7291
Rev. 0 | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDD to GND1, GND
−0.3 V to +5 V
VDRIVE to GND1, GND
0.3 V to +5 V
Analog Input Voltage to GND1
0.3 V to +3 V
Digital Input Voltage to GND1
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to GND1
0.3 V to VDRIVE + 0.3 V
VREF to GND1
−0.3 V to +3 V
GND to GND1
−0.3 V to +0.3 V
Input Current to Any Pin Except Supplies 1
±10 mA
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Pb-free Temperature, Soldering
Reflow
260(+0)°C
ESD
2 kV
1 Transient currents of up to 100 mA do not cause latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
20-Lead LFCSP
52
6.5
°C/W
ESD CAUTION


Similar Part No. - AD7291BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7291BCPZ AD-AD7291BCPZ Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291BCPZ AD-AD7291BCPZ Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291BCPZ AD-AD7291BCPZ Datasheet
572Kb / 29P
   Temperature Sensor
AD7291BCPZ-RL7 AD-AD7291BCPZ-RL7 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291BCPZ-RL7 AD-AD7291BCPZ-RL7 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
More results

Similar Description - AD7291BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com