Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA324PV Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATMEGA324PV
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA324PV Datasheet(HTML) 3 Page - ATMEL Corporation

  ATMEGA324PV Datasheet HTML 1Page - ATMEL Corporation ATMEGA324PV Datasheet HTML 2Page - ATMEL Corporation ATMEGA324PV Datasheet HTML 3Page - ATMEL Corporation ATMEGA324PV Datasheet HTML 4Page - ATMEL Corporation ATMEGA324PV Datasheet HTML 5Page - ATMEL Corporation ATMEGA324PV Datasheet HTML 6Page - ATMEL Corporation ATMEGA324PV Datasheet HTML 7Page - ATMEL Corporation ATMEGA324PV Datasheet HTML 8Page - ATMEL Corporation ATMEGA324PV Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
8011OS–AVR–07/10
ATmega164P/324P/644P
1.2
Pinout - DRQFN
Figure 1-2.
DRQFN - Pinout ATmega164P
Table 1-1.
DRQFN - Pinout ATmega164P/324P
A1
PB5
A7
PD3
A13
PC4
A19
PA3
B1
PB6
B6
PD4
B11
PC5
B16
PA2
A2
PB7
A8
PD5
A14
PC6
A20
PA1
B2
RESET
B7
PD6
B12
PC7
B17
PA0
A3
VCC
A9
PD7
A15
AVCC
A21
VCC
B3
GND
B8
VCC
B13
GND
B18
GND
A4
XTAL2
A10
GND
A16
AREF
A22
PB0
B4
XTAL1
B9
PC0
B14
PA7
B19
PB1
A5
PD0
A11
PC1
A17
PA6
A23
PB2
B5
PD1
B10
PC2
B15
PA5
B20
PB3
A6
PD2
A12
PC3
A18
PA4
A24
PB4
Top view
Bottom view
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
A18
B15
A17
B14
A16
B13
A15
B12
A14
B11
A13
A18
B15
A17
B14
A16
B13
A15
B12
A14
B11
A13
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6


Similar Part No. - ATMEGA324PV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA324PV ATMEL-ATMEGA324PV Datasheet
3Mb / 408P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA324PV-10AU ATMEL-ATMEGA324PV-10AU Datasheet
331Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA324PV-10MU ATMEL-ATMEGA324PV-10MU Datasheet
331Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA324PV-10PU ATMEL-ATMEGA324PV-10PU Datasheet
331Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA324PV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA32M1-15AZ ATMEL-ATMEGA32M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1-15AZ ATMEL-ATMEGA16M1-15AZ Datasheet
1Mb / 27P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
908Kb / 12P
   8-bit Microcontroller with 16K/32K/64K Bytes In-system
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com