Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSP0600BJR-S Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # LSP0600BJR-S
Description  LED Shunt Protector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

LSP0600BJR-S Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  LSP0600BJR-S Datasheet HTML 1Page - Bourns Electronic Solutions LSP0600BJR-S Datasheet HTML 2Page - Bourns Electronic Solutions LSP0600BJR-S Datasheet HTML 3Page - Bourns Electronic Solutions LSP0600BJR-S Datasheet HTML 4Page - Bourns Electronic Solutions LSP0600BJR-S Datasheet HTML 5Page - Bourns Electronic Solutions LSP0600BJR-S Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
JANUARY 2011
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
LSP Series LED Shunt Protector
Product Specifications
How to Order
LSP 0600 BJ R - S
Model Series
LED Shunt Protector
Off-State Voltage
0600 = 6 V
0900 = 9 V
1300 = 13 V
1800 = 18 V
Package
BJ = SMB DO-214AA Package
Standard Packaging
R = Tape and Reel Packaging (3,000 pcs./reel)
Termination
S = Pb Free Termination (RoHS Compliant)
Typical Part Marking
Top Side Marking
LSP0600BJR-S .................................................................... LSP060
LSP0900BJR-S .................................................................... LSP090
LSP1300BJR-S .................................................................... LSP130
LSP1800BJR-S .................................................................... LSP180
Unit ................................... Epoxy molded SMB D0-214AA package
Mold Material.......................................................................UL94V-0
Terminations ....................100 % matte tin-plated over copper alloy
Unit Weight .......................................................................... 102 mg.
Packaging Specifications
Standard........................................................................... EIA-481-1
Tape Width ..............................................................12 mm (.472 in.)
Reel Diameter ......................................................330 mm (12.99 in.)
Part Alignment.....................Cathode bar adjacent to sprocket hole
Quantity per Reel.......................................................... 3,000 pieces
Cathode Bar
KA
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - LSP0600BJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
LSP0600BJR-S BOURNS-LSP0600BJR-S Datasheet
284Kb / 3P
   LED Shunt Protector
LSP0600BJR-S BOURNS-LSP0600BJR-S_12 Datasheet
284Kb / 3P
   LED Shunt Protector
More results

Similar Description - LSP0600BJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LED Shunt Protector
LSP0600 BOURNS-LSP0600 Datasheet
281Kb / 3P
   LED Shunt Protector
LSP0600BJR-S BOURNS-LSP0600BJR-S_12 Datasheet
284Kb / 3P
   LED Shunt Protector
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LSPxxxxAJR Series LED Shunt Protector
logo
ON Semiconductor
NUD4700 ONSEMI-NUD4700_17 Datasheet
112Kb / 6P
   LED Shunt
January, 2017 ??Rev. 11
HBL1015 ONSEMI-HBL1015 Datasheet
68Kb / 5P
   LED Shunt
June, 2015 ??Rev. 4
NUD4700 ONSEMI-NUD4700 Datasheet
146Kb / 6P
   LED Shunt
March, 2010 ??Rev. 8
logo
ADDtek Corp
AMC7169 ADDTEK-AMC7169 Datasheet
64Kb / 5P
   500mA LED PROTECTOR
JUNE 2006
logo
Shanghai Leiditech Elec...
PLED36CA LEIDITECH-PLED36CA Datasheet
570Kb / 3P
   LED Shunt Protection
PLED09CB LEIDITECH-PLED09CB Datasheet
604Kb / 3P
   LED Shunt Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com