Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBI50VA-120-50 Datasheet(PDF) 6 Page - Fuji Electric

Part # 6MBI50VA-120-50
Description  IGBT MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBI50VA-120-50 Datasheet(HTML) 6 Page - Fuji Electric

  6MBI50VA-120-50 Datasheet HTML 1Page - Fuji Electric 6MBI50VA-120-50 Datasheet HTML 2Page - Fuji Electric 6MBI50VA-120-50 Datasheet HTML 3Page - Fuji Electric 6MBI50VA-120-50 Datasheet HTML 4Page - Fuji Electric 6MBI50VA-120-50 Datasheet HTML 5Page - Fuji Electric 6MBI50VA-120-50 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
6MBI50VA-120-50
IGBT Modules
WARNING
1. This Catalog contains the product specifications, characteristics, data, materials, and structures as of October 2008.
The contents are subject to change without notice for specification changes or other reasons. When using a product listed in this
Catalog, be sure to obtain the latest specifications.
2. All applications described in this Catalog exemplify the use of Fuji's products for your reference only. No right or license, either
express or implied, under any patent, copyright, trade secret or other intellectual property right owned by Fuji Electric Device
Technology Co., Ltd. is (or shall be deemed) granted. Fuji Electric Device Technology Co., Ltd. makes no representation or
warranty, whether express or implied, relating to the infringement or alleged infringement of other's intellectual property rights which
may arise from the use of the applications described herein.
3. Although Fuji Electric Device Technology Co., Ltd. is enhancing product quality and reliability, a small percentage of semiconductor
products may become faulty. When using Fuji Electric semiconductor products in your equipment, you are requested to take
adequate safety measures to prevent the equipment from causing a physical injury, fire, or other problem if any of the products
become faulty. It is recommended to make your design fail-safe, flame retardant, and free of malfunction.
4. The products introduced in this Catalog are intended for use in the following electronic and electrical equipment which has
normal reliability requirements.
• Computers
• OA equipment
• Communications equipment (terminal devices)
• Measurement equipment
• Machine tools
• Audiovisual equipment
• Electrical home appliances
• Personal equipment
• Industrial robots etc.
5. If you need to use a product in this Catalog for equipment requiring higher reliability than normal, such as for the equipment listed
below, it is imperative to contact Fuji Electric Device Technology Co., Ltd. to obtain prior approval. When using these products for
such equipment, take adequate measures such as a backup system to prevent the equipment from malfunctioning even if a Fuji's
product incorporated in the equipment becomes faulty.
• Transportation equipment (mounted on cars and ships)
• Trunk communications equipment
• Traffic-signal control equipment
• Gas leakage detectors with an auto-shut-off feature
• Emergency equipment for responding to disasters and anti-burglary devices
• Safety devices
• Medical equipment
6. Do not use products in this Catalog for the equipment requiring strict reliability such as the following and equivalents to strategic
equipment (without limitation).
• Space equipment
• Aeronautic equipment
• Nuclear control equipment
• Submarine repeater equipment
7. Copyright ©1996-2008 by Fuji Electric Device Technology Co., Ltd. All rights reserved.
No part of this Catalog may be reproduced in any form or by any means without the express permission of Fuji Electric Device
Technology Co., Ltd.
8. If you have any question about any portion in this Catalog, ask Fuji Electric Device Technology Co., Ltd. or its sales agents before
using the product.
Neither Fuji Electric Device Technology Co., Ltd. nor its agents shall be liable for any injury caused by any use of the products not in
accordance with instructions set forth herein.


Similar Part No. - 6MBI50VA-120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI50VA-060-50 FUJI-6MBI50VA-060-50 Datasheet
416Kb / 6P
   IGBT MODULE (V series) 600V / 50A / 6 in one package
More results

Similar Description - 6MBI50VA-120-50

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com