Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSP1800BJR-S Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # LSP1800BJR-S
Description  LED Shunt Protector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

LSP1800BJR-S Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  LSP1800BJR-S Datasheet HTML 1Page - Bourns Electronic Solutions LSP1800BJR-S Datasheet HTML 2Page - Bourns Electronic Solutions LSP1800BJR-S Datasheet HTML 3Page - Bourns Electronic Solutions LSP1800BJR-S Datasheet HTML 4Page - Bourns Electronic Solutions LSP1800BJR-S Datasheet HTML 5Page - Bourns Electronic Solutions LSP1800BJR-S Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Fast switching
Automatic reset
SMB package
Suitable for industrial lighting environments
RoHS compliant*
Applications
LED streetlights
LCD backlighting
Display lighting
Intrinsically safe lighting
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
LSP Series LED Shunt Protector
JANUARY 2011
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Information
Bourns® LSP Series protectors are electronic shunts that provide a current bypass
when an LED element in an LED string fails open circuit. This ensures the remaining
string of LEDs will continue to function. There are many cases where high reliability
of the LED lighting must be maintained, such as LCD backlighting, transport lighting,
avionics, intrinsically safe and low maintenance lighting.
The LSP Series is available in surface mount package DO-214AA (SMB) size format.
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage
LSP0600
LSP0900
LSP1300
LSP1800
VDRM
6
9
13
18
V
Average on-state current (Note 1)
IT
350
mA
Operating junction temperature
TJ
-40 to +150
°C
Storage temperature
Ts
-65 to +150
°C
Lead temperature, soldering (10 s)
260
°C
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Test Conditions
Min.
Nom.
Max.
Unit
IDRM Repetitive peak off-state current
VD = VDRM
10
µA
V(BO) Breakover voltage
dv/dt = 750 V/ms,
RSOURCE = 300
LSP0600
LSP0900
LSP1300
LSP1800
6
9
13
18
16
18
26
33
V
IH
Holding current
IT = 1 A, di/dt = 30 mA/ms
5
30
mA
IBO Breakover current
di/dt = 0.8 A/ms
75
mA
VT
On-state voltage
IT = 1 A
1.2
V
Anode
Cathode
Control
Circuit
LSPxx00
Notes:
1. Using 75 mm x 75 mm 4-Layer PCB (EIA/JESD51-7), IT = 1.0 A
Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Test Conditions
Min.
Nom.
Max.
Unit
Junction to free air thermal resistance
EIA/JESD51-3 PCB, IT= 350 mA,
TA= 25 °C
170
°C/W
Junction to free air thermal resistance
EIA/JESD51-7, 75 mm x 75 mm 4-Layer
PCB, IT = 1.0 A, TA= 25 °C
90
°C/W


Similar Part No. - LSP1800BJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
LSP1800BJR-S BOURNS-LSP1800BJR-S Datasheet
284Kb / 3P
   LED Shunt Protector
More results

Similar Description - LSP1800BJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LED Shunt Protector
LSP0600 BOURNS-LSP0600 Datasheet
281Kb / 3P
   LED Shunt Protector
LSP0600BJR-S BOURNS-LSP0600BJR-S_12 Datasheet
284Kb / 3P
   LED Shunt Protector
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LSPxxxxAJR Series LED Shunt Protector
logo
ON Semiconductor
NUD4700 ONSEMI-NUD4700_17 Datasheet
112Kb / 6P
   LED Shunt
January, 2017 ??Rev. 11
HBL1015 ONSEMI-HBL1015 Datasheet
68Kb / 5P
   LED Shunt
June, 2015 ??Rev. 4
NUD4700 ONSEMI-NUD4700 Datasheet
146Kb / 6P
   LED Shunt
March, 2010 ??Rev. 8
logo
ADDtek Corp
AMC7169 ADDTEK-AMC7169 Datasheet
64Kb / 5P
   500mA LED PROTECTOR
JUNE 2006
logo
Shanghai Leiditech Elec...
PLED36CA LEIDITECH-PLED36CA Datasheet
570Kb / 3P
   LED Shunt Protection
PLED09CB LEIDITECH-PLED09CB Datasheet
604Kb / 3P
   LED Shunt Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com