Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-PL075-200-WH Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TBU-PL075-200-WH
Description  TBU High Speed Protectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-PL075-200-WH Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TBU-PL075-200-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-PL075-200-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-PL075-200-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-PL075-200-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-PL075-200-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-PL075-200-WH Datasheet HTML 6Page - Bourns Electronic Solutions TBU-PL075-200-WH Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TBU-PL Series - TBU® High Speed Protectors
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Bourns® TBU® Device Solution
Industry Standard
Surge & AC Tests
TBU® Device P/N
Qty.
OVP Device P/N
Qty.
Telcordia GR-1089-CORE
Intra-building
1500 V, 100 A 2/10 µs
120 V RMS, 25 A, 900 s
TBU-PL050-xxx-WH
1
MOV-07D201K
2
Telcordia GR-1089-CORE
Enhanced Intra-building
5000 V, 500 A 2/10 µs
120 V RMS, 25 A, 900 s
TBU-PL060-xxx-WH
1
MOV-10D201K
2
1500 V, 100 A 2/10 µs
277 V RMS, 25 A, 900 s
TBU-PL085-xxx-WH
1
MOV-10D431K
2
ITU-T
K.20, K.21, K.45 Basic
1500 V, 40
Ω 10/700 µs
4000 V, 40
Ω 10/700 µs
230 V rms 10
Ω -1000 Ω, 900 s
600 V rms 600
Ω, 1 s
TBU-PL060-xxx-WH
1
TISP4400M3BJ
2
1500 V, 40
Ω 10/700 µs
4000 V, 40
Ω 10/700 µs
230 V rms 10
Ω -1000 Ω, 900 s
600 V rms 600
Ω, 0.2 s
TBU-PL075-xxx-WH
1
MOV-10D361K
2
ITU-T
K.20, K.21, K.45 Enhanced
1500 V, 40
Ω 10/700 µs
6000 V, 40
Ω 10/700 µs
230 V rms 10
Ω -1000 Ω, 900 s
600 V rms 600
Ω, 0.2 s
600 V rms 600
Ω, 1 s
1500 V rms, 200
Ω 2s
TBU-PL060-xxx-WH
1
TISP4500H3BJ
2
1500 V, 40
Ω 10/700 µs
6000 V, 40
Ω 10/700 µs*
230 V rms 10
Ω -1000 Ω, 900 s
600 V rms 600
Ω, 0.2 s
600 V rms 600
Ω, 1 s*
1500 V rms, 200
Ω 2s*
TBU-PL085-xxx-WH
1
MOV-10D391K
2
Telcordia GR-1089-CORE
Intra-building
and
ITU-T
K.20, K.21, K.45 Enhanced
5000 V, 500 A 2/10 µs
120V RMS, 25 A, 900 s
1500 V, 40
Ω 10/700 µs
6000 V, 40
Ω 10/700 µs*
230 V rms 10
Ω -1000 Ω, 900 s
600 V rms 600
Ω, 0.2 s
600 V rms 600
Ω, 1 s*
1500 V rms, 200
Ω 2s*
TBU-PL085-xxx-WH
1
MOV-10D391K
2
* GDT Special Test Protector with DC breakdown (DCBD) of less than 330 V .
Note: The Le9500, Le9520 and Le9530 (VE950 series) require a 200 mA Itrigger TBU
® device for normal operation.
5
8
4
1
2
6
Device Pin Out
Pad #
Pin Out
1
Line 1
2Vdd
3
Not Used
4
Line 1 SLIC
Pad Designation
Pad #
Pin Out
5
Line 2 SLIC
6Vss
7
Not Used
8
Line 2


Similar Part No. - TBU-PL075-200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-PL075-200-WH BOURNS-TBU-PL075-200-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-PL075-200-WH BOURNS-TBU-PL075-200-WH Datasheet
628Kb / 7P
   High-Speed Protectors
More results

Similar Description - TBU-PL075-200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
TBU-KE025-500-WH BOURNS-TBU-KE025-500-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH Datasheet
492Kb / 6P
   TBU High Speed Protectors
TBU-PK050-100-WH BOURNS-TBU-PK050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-CA-Q BOURNS-TBU-CA-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com