Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-KE050-300-WH Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TBU-KE050-300-WH
Description  TBU High Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-KE050-300-WH Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TBU-KE050-300-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-KE050-300-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-KE050-300-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-KE050-300-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-KE050-300-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-KE050-300-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TBU-KE Series - TBU® High Speed Protectors
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Reference Application
The TBU® device can be used to protect against excessive
voltage surges in DC biased equipment, as shown in the figure
below. Diode D1 prevents reverse voltage surges from damaging
the equipment, and the TBU® protector prevents any positive
surges from causing damage. An overvoltage protection device,
such as an MOV, may be used to provide additional overvolt-
age protection if the surge voltage is likely to be above the
maximum rating of the TBU® device. D1 reverse voltage rating
should be greater than that of the OVP device at the maximum
surge current level. Typically, a 1N4007 is a suitable choice. D2
should be chosen to be above the normal working voltage of
the protected device, but below its absolute maximum rating.
The TBU® device is a silicon-based, solid-state, resettable
device which is placed in series with a signal path. The TBU®
device operates in approximately 1 µs - once line current
exceeds the TBU® device’s trigger current Itrigger. When oper-
ated, the TBU® device restricts line current to less than 1 mA
typically. When operated, the TBU® device will block all system
voltages and any other voltages including the surge up to
rated limits.
After the surge, the TBU® device resets when the voltage
across the TBU® device falls to the Vreset level. The TBU
® de-
vice will automatically reset on lines which have no DC bias or
have DC bias below Vreset (such as unpowered signal lines).
If the line has a normal DC bias above Vreset, the voltage
across the TBU® device may not fall below Vreset after the
surge. In such cases, special care needs to be taken to ensure
that the TBU® device will reset, otherwise an automatic or
manual power down will be required. Bourns application
engineers can provide further assistance.
Basic TBU Operation
Performance Graphs
V-I Characteristic - TBU-KE050-300-WH (Pin 2-1)
Typical Trigger Current vs. Temperature
CURRENT
(100 mA/div.)
VOLTAGE
(5 v/div.)
VRESET
ITRIGGER
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25
0
25
50
75 100 125 150
Junction Temperature (°C)
Equip.
OVP
TBU® Device
Line
Side
12
D2
D1


Similar Part No. - TBU-KE050-300-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-KE050-300-WH BOURNS-TBU-KE050-300-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-KE050-300-WH BOURNS-TBU-KE050-300-WH Datasheet
539Kb / 6P
   TBU-KE Series - TBU High-Speed Protectors
TBU-KE050-300-WH BOURNS-TBU-KE050-300-WH Datasheet
526Kb / 6P
   High Speed Protectors
More results

Similar Description - TBU-KE050-300-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH Datasheet
492Kb / 6P
   TBU High Speed Protectors
TBU-PK050-100-WH BOURNS-TBU-PK050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-CA-Q BOURNS-TBU-CA-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com