Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CATTEN-05R0 Datasheet(PDF) 2 Page - CRYSTEK CORPORATION

Part # CATTEN-05R0
Description  1dB Attenuator SMA 50 Ohm DC to 3GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CATTEN-05R0 Datasheet(HTML) 2 Page - CRYSTEK CORPORATION

  CATTEN-05R0 Datasheet HTML 1Page - CRYSTEK CORPORATION CATTEN-05R0 Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CATTEN-01R0
1dB Attenuator
SMA 50 Ohm
DC to 3GHz
Rev.: C
Date: 08-27-08
TEST
Condition of Test
Test Results
0.5dB to 5dB 6dB to 20dB
Endurance Test at 70°C per EIA 575-3.14 1000 hours at 70°C, 1.5 hrs “ON”, 0.5 hrs “OFF”
± 0.2 dB
± 0.3 dB
Overload per EIA 575-3.6
Short time overload
± 0.2 dB
± 0.3 dB
Thermal Shock
per EIA 575-3.5
± 0.2 dB
± 0.3 dB
Moisture Resistance
per EIA 575-3.10
± 0.2 dB
± 0.3 dB
High Temperature Exposure
per EIA 575-3.7
± 0.2 dB
± 0.3 dB
Low Temperature Exposure
per EIA 575-3.12
± 0.2 dB
± 0.3 dB
1 dB Data
Return Loss
Freq.
(MHz)
Atten
(dB)
Male
(dB)
Female
(dB)
0.3
0.95
56
55
0.5
0.94
56
55
0.8
0.94
56
55
1.0
0.94
56
55
5.0
0.93
56
55
10.0
0.94
56
55
20.0
0.93
56
54
50.0
0.93
53
52
100.0
0.94
48
47
200.0
0.95
43
42
300.0
0.98
40
39
400.0
0.99
38
37
500.0
0.98
36
36
600.0
0.98
34
34
700.0
1.00
33
33
800.0
0.99
32
32
900.0
1.02
31
31
1000.0 0.99
30
30
1500.0 1.05
26
27
2000.0 1.11
22
22
2500.0 1.03
19
19
3000.0 1.29
17
16
Part Number Attenuation
Power
(Max)
CATTEN-01R0
1 dB
1 Watt
CATTEN-01R5
1.5 dB
1 Watt
CATTEN-02R0
2 dB
1 Watt
CATTEN-03R0
3 dB
1 Watt
CATTEN-04R0
4 dB
1 Watt
CATTEN-05R0
5 dB
1 Watt
CATTEN-06R0
6 dB
1 Watt
CATTEN-07R0
7dB
1 Watt
CATTEN-08R0
8dB
1 Watt
CATTEN-09R0
9dB
1 Watt
CATTEN-0100
10 dB
1 Watt
CATTEN-0150
15 dB
0.5 Watt
CATTEN-0200
20 dB
0.5 Watt


Similar Part No. - CATTEN-05R0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CATTEN-05R0 ETC2-CATTEN-05R0 Datasheet
319Kb / 2P
   8dB Attenuator SMA 50 Ohm DC to 3GHz
logo
CRYSTEK CORPORATION
CATTEN-05R0 CRYSTEKMICROWAVE-CATTEN-05R0 Datasheet
319Kb / 2P
   9dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-05R0 CRYSTEKMICROWAVE-CATTEN-05R0 Datasheet
329Kb / 2P
   8dB Attenuator SMA 50 Ohm DC to 3GHz
logo
List of Unclassifed Man...
CATTEN-05R0 ETC2-CATTEN-05R0 Datasheet
319Kb / 2P
   2dB Attenuator SMA 50 Ohm DC to 3GHz
logo
CRYSTEK CORPORATION
CATTEN-05R0 CRYSTEKMICROWAVE-CATTEN-05R0 Datasheet
319Kb / 2P
   10dB Attenuator SMA 50 Ohm DC to 3GHz
More results

Similar Description - CATTEN-05R0

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CATTEN-01R0 CRYSTEKMICROWAVE-CATTEN-01R0 Datasheet
319Kb / 2P
   1dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-0100 CRYSTEKMICROWAVE-CATTEN-0100 Datasheet
319Kb / 2P
   10dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-01R5 CRYSTEKMICROWAVE-CATTEN-01R5_08 Datasheet
329Kb / 2P
   1.5dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-09R0 CRYSTEKMICROWAVE-CATTEN-09R0_08 Datasheet
329Kb / 2P
   9dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-0150 CRYSTEKMICROWAVE-CATTEN-0150_08 Datasheet
380Kb / 2P
   15dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-01R5 CRYSTEKMICROWAVE-CATTEN-01R5 Datasheet
319Kb / 2P
   1.5dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-02R0 CRYSTEKMICROWAVE-CATTEN-02R0 Datasheet
319Kb / 2P
   2dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-05R0 CRYSTEKMICROWAVE-CATTEN-05R0 Datasheet
319Kb / 2P
   5dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-06R0 CRYSTEKMICROWAVE-CATTEN-06R0 Datasheet
319Kb / 2P
   6dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-09R0 CRYSTEKMICROWAVE-CATTEN-09R0 Datasheet
319Kb / 2P
   9dB Attenuator SMA 50 Ohm DC to 3GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com