Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBI300V-120-50 Datasheet(PDF) 1 Page - Fuji Electric

Part # 6MBI300V-120-50
Description  IGBT MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBI300V-120-50 Datasheet(HTML) 1 Page - Fuji Electric

  6MBI300V-120-50 Datasheet HTML 1Page - Fuji Electric 6MBI300V-120-50 Datasheet HTML 2Page - Fuji Electric 6MBI300V-120-50 Datasheet HTML 3Page - Fuji Electric 6MBI300V-120-50 Datasheet HTML 4Page - Fuji Electric 6MBI300V-120-50 Datasheet HTML 5Page - Fuji Electric 6MBI300V-120-50 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
http://www.fujisemi.com
6MBI300V-120-50
IGBT Modules
IGBT MODULE (V series)
1200V / 300A / 6 in one package
Features
Compact Package
P.C.Board Mount
Low VCE (sat)
Applications
Inverter for Motor Drive
AC and DC Servo Drive Amplifier
Uninterruptible Power Supply
Industrial machines, such as welding machines
Maximum Ratings and Characteristics
Absolute Maximum Ratings (at Tc=25°C unless otherwise specified)
Items
Symbols
Conditions
Maximum
ratings
Units
Collector-Emitter voltage
VCES
1200
V
Gate-Emitter voltage
VGES
±20
V
Collector current
Ic
Continuous
Tc=80°C
300
A
Icp
1ms
Tc=80°C
600
-Ic
300
-Ic pulse
1ms
600
Collector power dissipation
Pc
1 device
1600
W
Junction temperature
Tj
175
°C
Operation temperature
Top
150
Storage temperature
Tstg
-40 to +125
Isolation voltage between terminal and copper base (*1)
between thermistor and others (*2)
Viso
AC : 1min.
2500
VAC
Screw torque
Mounting (*3)
-
3.5
N m
Terminals (*4)
-
4.5
Note *1: All terminals should be connected together during the test.
Note *2: Two thermistor terminals should be connected together, other terminals should be connected together and shorted to base plate during the test.
Note *3: Recommendable value : 2.5-3.5 Nm (M5)
Note *4: Recommendable value : 3.5-4.5 Nm (M6)


Similar Part No. - 6MBI300V-120-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBI300U-120 ETC-6MBI300U-120 Datasheet
137Kb / 5P
   IGBT Module U-Series
6MBI300U-170 ETC2-6MBI300U-170 Datasheet
139Kb / 5P
   IGBT Module U-Series
logo
Fuji Electric
6MBI300U4-120 FUJI-6MBI300U4-120 Datasheet
522Kb / 14P
   IGBT MODULE
6MBI300U4-170 FUJI-6MBI300U4-170 Datasheet
505Kb / 14P
   IGBT MODULE
More results

Similar Description - 6MBI300V-120-50

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com