Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBP50RA060 Datasheet(PDF) 1 Page - Fuji Electric

Part # 6MBP50RA060
Description  IGBT-IPM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP50RA060 Datasheet(HTML) 1 Page - Fuji Electric

  6MBP50RA060 Datasheet HTML 1Page - Fuji Electric 6MBP50RA060 Datasheet HTML 2Page - Fuji Electric 6MBP50RA060 Datasheet HTML 3Page - Fuji Electric 6MBP50RA060 Datasheet HTML 4Page - Fuji Electric 6MBP50RA060 Datasheet HTML 5Page - Fuji Electric 6MBP50RA060 Datasheet HTML 6Page - Fuji Electric 6MBP50RA060 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IGBT-IPM R series
600V / 50A 6 in one-package
6MBP50RA060
Features
· Temperature protection provided by directly detecting the junction
temperature of the IGBTs
· Low power loss and soft switching
· High performance and high reliability IGBT with overheating protection
· Higher reliability because of a big decrease in number of parts in
built-in control circuit
Maximum ratings and characteristics
Absolute maximum ratings(at Tc=25°C unless otherwise specified)
Symbol
Rating
Unit
Min.
Max.
DC bus voltage
DC bus voltage (surge)
DC bus voltage (short operating)
Collector-Emitter voltage
INV Collector current
DC
1ms
Duty=55.5%
Collector power dissipation One transistor
Junction temperature
Input voltage of power supply for Pre-Driver
Input signal voltage
Input signal current
Alarm signal voltage
Alarm signal current
Storage temperature
Operating case temperature
Isolating voltage (Case-Terminal)
Screw torque
Mounting (M5)
Terminal (M5)
VDC
VDC(surge)
VSC
VCES
IC
ICP
-IC
PC
Tj
VCC *1
Vin
*2
Iin
VALM *3
IALM *4
Tstg
Top
Viso *5
Item
0
0
200
0
-
-
-
-
-
0
0
-
0
-
-40
-20
-
-
-
450
500
400
600
50
100
50
198
150
20
Vz
1
Vcc
15
125
100
AC2.5
3.5 *6
3.5 *6
V
V
V
V
A
A
A
W
°C
V
V
mA
V
mA
°C
°C
kV
N·m
N·m
*1 Apply Vcc between terminal No. 3 and 1, 6 and 4, 9 and 7, 11 and 10.
*2 Apply Vin between terminal No. 2 and 1, 5 and 4, 8 and 7, 13,14,15 and 10.
*3 Apply VALM between terminal No. 16 and 10.
*4 Apply IALM to terminal No. 16.
*5 50Hz/60Hz sine wave 1 minute.
*6 Recommendable Value : 2.5 to 3.0 N·m
Electrical characteristics of power circuit (at Tc=Tj=25°C, Vcc=15V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
INV Collector current at off signal input
Collector-Emitter saturation voltage
Forward voltage of FWD
ICES
VCE(sat)
VF
VCE=600V input terminal open
Ic=50A
-Ic=50A
1.0
mA
2.8
V
3.0
V
Fig.1 Measurement of case temperature


Similar Part No. - 6MBP50RA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP50RA060 FUJI-6MBP50RA060 Datasheet
789Kb / 7P
   IGBT-IPM(600V/50A)
More results

Similar Description - 6MBP50RA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
4MBP75RA060 FUJI-4MBP75RA060 Datasheet
4Mb / 15P
   IGBT-IPM
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
6MBP50RU2A120 FUJI-6MBP50RU2A120 Datasheet
860Kb / 22P
   IGBT - IPM
7MBP100RA060 FUJI-7MBP100RA060 Datasheet
752Kb / 8P
   IGBT-IPM
6MBP20RY060 FUJI-6MBP20RY060 Datasheet
1Mb / 11P
   IGBT-IPM
7MBP100NA060-01 FUJI-7MBP100NA060-01 Datasheet
4Mb / 16P
   IGBT-IPM
7MBP50NA060-01 FUJI-7MBP50NA060-01 Datasheet
4Mb / 16P
   IGBT-IPM
7MBP75NA060-01 FUJI-7MBP75NA060-01 Datasheet
4Mb / 16P
   IGBT-IPM
6MBP1RA120 FUJI-6MBP1RA120 Datasheet
791Kb / 22P
   IGBT - IPM
6MBP150RTJ060 FUJI-6MBP150RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
7MBP150RA060 FUJI-7MBP150RA060 Datasheet
1Mb / 8P
   IGBT-IPM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com