Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBP50RA060 Datasheet(PDF) 4 Page - Fuji Electric

Part # 6MBP50RA060
Description  IGBT-IPM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP50RA060 Datasheet(HTML) 4 Page - Fuji Electric

  6MBP50RA060 Datasheet HTML 1Page - Fuji Electric 6MBP50RA060 Datasheet HTML 2Page - Fuji Electric 6MBP50RA060 Datasheet HTML 3Page - Fuji Electric 6MBP50RA060 Datasheet HTML 4Page - Fuji Electric 6MBP50RA060 Datasheet HTML 5Page - Fuji Electric 6MBP50RA060 Datasheet HTML 6Page - Fuji Electric 6MBP50RA060 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6MBP50RA060
IGBT-IPM
Characteristics (Representative)
Control circuit
Switching frequency fsw (kHz)
0
5
10
15
20
25
2.5
2.0
1.5
1.0
0.5
0
12
13
14
15
16
17
18
Power supply voltage Vcc (V)
Input signal threshold voltage
vs. Power supply voltage
Junction temperature Tj (
°C)
14
12
10
8
6
4
2
0
Undervoltage vs. Junction temperature
Junction temperature Tj (
°C)
Undervoltage hysterisis vs. Junction temperature
Power supply voltage Vcc (
V)
Alarm hold time vs. Power supply voltage
Power supply voltage Vcc (
V)
Overheating characteristics TCOH,TjOH,TCH,TjH vs. VCC
30
25
20
15
10
5
0
20
40
60
80
100
120
140
20
40
60
80
100
120
140
12
13
14
15
16
17
18
·········
Power supply current vs. Switching frequency
Tj=100°C
N-side
P-side
·········
Tj=25°C
Tj=125°C
1.0
0.8
0.6
0.4
0.2
0
3.0
2.5
2.0
1.5
1.0
0.5
0
12
13
14
15
16
17
18
200
150
100
50
0


Similar Part No. - 6MBP50RA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP50RA060 FUJI-6MBP50RA060 Datasheet
789Kb / 7P
   IGBT-IPM(600V/50A)
More results

Similar Description - 6MBP50RA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
4MBP75RA060 FUJI-4MBP75RA060 Datasheet
4Mb / 15P
   IGBT-IPM
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
6MBP50RU2A120 FUJI-6MBP50RU2A120 Datasheet
860Kb / 22P
   IGBT - IPM
7MBP100RA060 FUJI-7MBP100RA060 Datasheet
752Kb / 8P
   IGBT-IPM
6MBP20RY060 FUJI-6MBP20RY060 Datasheet
1Mb / 11P
   IGBT-IPM
7MBP100NA060-01 FUJI-7MBP100NA060-01 Datasheet
4Mb / 16P
   IGBT-IPM
7MBP50NA060-01 FUJI-7MBP50NA060-01 Datasheet
4Mb / 16P
   IGBT-IPM
7MBP75NA060-01 FUJI-7MBP75NA060-01 Datasheet
4Mb / 16P
   IGBT-IPM
6MBP1RA120 FUJI-6MBP1RA120 Datasheet
791Kb / 22P
   IGBT - IPM
6MBP150RTJ060 FUJI-6MBP150RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
7MBP150RA060 FUJI-7MBP150RA060 Datasheet
1Mb / 8P
   IGBT-IPM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com