Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UQCR7A100DAJME Datasheet(PDF) 2 Page - AVX Corporation

Part # UQCR7A100DAJME
Description  Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

UQCR7A100DAJME Datasheet(HTML) 2 Page - AVX Corporation

  UQCR7A100DAJME Datasheet HTML 1Page - AVX Corporation UQCR7A100DAJME Datasheet HTML 2Page - AVX Corporation UQCR7A100DAJME Datasheet HTML 3Page - AVX Corporation UQCR7A100DAJME Datasheet HTML 4Page - AVX Corporation UQCR7A100DAJME Datasheet HTML 5Page - AVX Corporation UQCR7A100DAJME Datasheet HTML 6Page - AVX Corporation UQCR7A100DAJME Datasheet HTML 7Page - AVX Corporation UQCR7A100DAJME Datasheet HTML 8Page - AVX Corporation UQCR7A100DAJME Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
94
6
Microwave MLC’s
UQ Series High Q Ultra Low ESR MLC
ELECTRICAL SPECIFICATIONS
Temperature Characteristic Code A
Temperature Coefficient (TCC)
(A) 0 ± 30 PPM/ºC
Capacitance Range
(A) 0.1 pF to 1000 pF
Operating Temperature
0.1 pF to 1000 pF: from -55ºC to +125ºC
Quality Factor (Q)
Greater than 2,000 at 1 MHz
Insulation Resistance (IR)
0.1 pF to 1000 pF
10
5 Megohms min. @ 25ºC at rated WVDC
10
4 Megohms min. @ 125ºC at rated WVDC
Working Voltage (WVDC)
See Capacitance Values table
Dielectric Withstanding Voltage (DWV)
250% of rated WVDC for 5 secs
Aging Effects
None
Piezoelectric Effects
None
Capacitance Drift
± (0.02% or 0.02 pF), whichever is greater
Themal Shock
Mil-STD-202, Method 107, Condition A
Moisture Resistance
Mil-STD-202, Method 106
Low Voltage Humidity
Mil-STD-202, Method 103, condition A, with 1.5 VDC
applied while subjected to an environment of 85ºC with
85% relative humidity for 240 hours
Life Test
Mil-STD-202, Method 108, for 2000 hours at 125ºC
200% WVDC
Shock
Mil-STD-202, Method 213, Condition J
Vibration
Mil-STD-202, Method 204, Condition B
Immersion
Mil-STD-202, Method 104, Condition B
Salt Spray
Mil-STD-202, Method 101, Condition B
Solderability
Mil-STD-202, Method 208
Terminal Strength
Mil-STD-202, Method 211
Temperature Cycling
Mil-STD-202, Method 102, Condition C
Barometric Pressure
Mil-STD-202, Method 105, Condition B
Resistance to Solder Heat
Mil-STD-202, Method 210, Condition C
ENVIRONMENTAL CHARACTERISTICS
AVX UQ will meet and exceed the requirements of EIA-198, MIL-PRF-55681 and MIL-PRF-123


Similar Description - UQCR7A100DAJME

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
CDR11-14 AVX-CDR11-14 Datasheet
1Mb / 8P
   Microwave MLC?셲
AQ147A120JAJME AVX-AQ147A120JAJME Datasheet
630Kb / 4P
   Microwave MLC?셲
SQCB7M3R6BAJME AVX-SQCB7M3R6BAJME Datasheet
914Kb / 7P
   Microwave MLC?셲
AQ11EA380JA7WE AVX-AQ11EA380JA7WE Datasheet
630Kb / 4P
   Microwave MLC?셲 AQ Series
SQCB7M390JATME AVX-SQCB7M390JATME Datasheet
914Kb / 7P
   SQ A Case & B Case Ultra Low ESR MLC
SQCB7M3R6BAJME AVX-SQCB7M3R6BAJME Datasheet
925Kb / 7P
   SQ A Case & B Case Ultra Low ESR MLC
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com