Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHB150W Datasheet(PDF) 9 Page - CUI INC

Part # VHB150W
Description  half-brick dc-dc converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB150W Datasheet(HTML) 9 Page - CUI INC

  VHB150W Datasheet HTML 1Page - CUI INC VHB150W Datasheet HTML 2Page - CUI INC VHB150W Datasheet HTML 3Page - CUI INC VHB150W Datasheet HTML 4Page - CUI INC VHB150W Datasheet HTML 5Page - CUI INC VHB150W Datasheet HTML 6Page - CUI INC VHB150W Datasheet HTML 7Page - CUI INC VHB150W Datasheet HTML 8Page - CUI INC VHB150W Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
page
date
DESCRIPTION: half-brick dc-dc converter
9 of 9
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHB150W
17. OUTPUT FILTERING
The converter has built-in capacitors at the output to control ripple and noise. If desired, additional output capacitance can be
introduced at the input to the powered equipment. Recommended starting point: one 10μF tantalum and one 1μF ceramic capacitor in
parallel at the output.
18. OUTPUT NOISE MEASUREMENT SCHEMATIC
For proper output ripple and noise measurement, connect a 10μF tantalum and a 1μF ceramic capacitor across the output. Set the
scope bandwidth to 20MHz. Probe directly off of one of the capacitors, using a small ground clip to minimize measurement error.
Resistor
Load
To Scope
Solid Tantalum
10µF
Ceramic
1.0µF
+Vin
-Vin
-Vo
-S
Trim
+S
+
+Vo
FIGURE 10. OUTPUT NOISE MEASUREMENT CIRCUIT


Similar Part No. - VHB150W

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB150W CUI-VHB150W Datasheet
285Kb / 4P
   DC-DC CONVERTER
03/13/2013
VHB150W-Q24-S12 CUI-VHB150W-Q24-S12 Datasheet
285Kb / 4P
   DC-DC CONVERTER
03/13/2013
VHB150W-Q24-S15 CUI-VHB150W-Q24-S15 Datasheet
285Kb / 4P
   DC-DC CONVERTER
03/13/2013
VHB150W-Q24-S24 CUI-VHB150W-Q24-S24 Datasheet
285Kb / 4P
   DC-DC CONVERTER
03/13/2013
VHB150W-Q24-S28 CUI-VHB150W-Q24-S28 Datasheet
285Kb / 4P
   DC-DC CONVERTER
03/13/2013
More results

Similar Description - VHB150W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com