Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBP150RTB060 Datasheet(PDF) 7 Page - Fuji Electric

Part # 7MBP150RTB060
Description  IPM-R3
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBP150RTB060 Datasheet(HTML) 7 Page - Fuji Electric

  7MBP150RTB060 Datasheet HTML 1Page - Fuji Electric 7MBP150RTB060 Datasheet HTML 2Page - Fuji Electric 7MBP150RTB060 Datasheet HTML 3Page - Fuji Electric 7MBP150RTB060 Datasheet HTML 4Page - Fuji Electric 7MBP150RTB060 Datasheet HTML 5Page - Fuji Electric 7MBP150RTB060 Datasheet HTML 6Page - Fuji Electric 7MBP150RTB060 Datasheet HTML 7Page - Fuji Electric 7MBP150RTB060 Datasheet HTML 8Page - Fuji Electric 7MBP150RTB060 Datasheet HTML 9Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7MBP150RTB060
IGBT-IPM
Transient thermal resistance
1
0.1
0.01
Reverse biased safe operating area
0
20
40
60
80
100
120
140
160
Case temperature Tc (
°C)
Power derating for FWD (per device)
0
100
200
300
400
500
600
700
Collector-Emitter voltage VCE (V)
400
300
200
100
0
<
=
Vcc=15V, Tj
125°C
Power derating for IGBT (per device)
16
14
12
10
8
6
4
2
0
Switching Loss vs. Collector current
Edc=300V, Vcc=15V, Tj=25°C
Switching Loss vs. Collector current
Edc=300V, Vcc=15V, Tj=125°C
300
250
200
150
100
50
0
500
400
300
200
100
0
25
20
15
10
5
0
0
60
120
180
240
Collector current IC (A)
0
60
120
180
240
Collector current IC (A)
0.001
0.01
0.1
1
Pulse width Pw (sec.)
0
20
40
60
80
100
120
140
160
Case temperature Tc (
°C)


Similar Part No. - 7MBP150RTB060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP150RA-060 FUJI-7MBP150RA-060 Datasheet
430Kb / 9P
   Intelligent Power Module
logo
List of Unclassifed Man...
7MBP150RA060 ETC2-7MBP150RA060 Datasheet
1Mb / 8P
   IGBT-IPM R series 600V / 150A 7 in one-package
logo
Fuji Electric
7MBP150RA060 FUJI-7MBP150RA060 Datasheet
1Mb / 8P
   IGBT-IPM
7MBP150RA120 FUJI-7MBP150RA120 Datasheet
370Kb / 8P
   IGBT-IPM(1200V/150A)
More results

Similar Description - 7MBP150RTB060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP75RTB060_0307 FUJI-7MBP75RTB060_0307 Datasheet
794Kb / 9P
   IPM-R3
6MBP75RTB060 FUJI-6MBP75RTB060 Datasheet
734Kb / 8P
   IPM-R3
7MBP100RTB060 FUJI-7MBP100RTB060 Datasheet
791Kb / 9P
   IPM-R3
6MBP100RTB060 FUJI-6MBP100RTB060 Datasheet
735Kb / 8P
   IPM-R3 series
6MBP50RTB060 FUJI-6MBP50RTB060 Datasheet
749Kb / 8P
   IPM-R3 series
7MBP50RTB060 FUJI-7MBP50RTB060 Datasheet
789Kb / 9P
   IPM-R3 series
logo
List of Unclassifed Man...
6MBP75RTB060 ETC2-6MBP75RTB060 Datasheet
727Kb / 8P
   IPM-R3 series 600V / 75A 6 in one-package
logo
RAYEX ELECTRONICS CO., ...
R2-D1A05 RAYEX-R2-D1A05 Datasheet
1Mb / 2P
   R2/R3 SERIES
logo
Fuji Electric
7MBP50TEA060 FUJI-7MBP50TEA060 Datasheet
344Kb / 9P
   Econo IPM series IGBT-IPM
4MBP75RA060 FUJI-4MBP75RA060 Datasheet
4Mb / 15P
   IGBT-IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com