Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHB75W-Q24-S48 Datasheet(PDF) 9 Page - CUI INC

Part # VHB75W-Q24-S48
Description  half-brick dc-dc converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB75W-Q24-S48 Datasheet(HTML) 9 Page - CUI INC

Back Button VHB75W-Q24-S48 Datasheet HTML 2Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 3Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 4Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 5Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 6Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 7Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 8Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 9Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
page
date
DESCRIPTION: half-brick dc-dc converter
9 of 10
04/2011
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHB75W
15. INPUT FILTERING AND EMI INTERFERENCE
The VHB75W converters have input capacitors that control input current ripple and the associated EMI interference. However, it
has not been tested to a formal standard for conducted emissions. Additional filtering may be needed to ensure compliance to an
EMI standard. Refer to FIGURE 10 for a reference circuit.
V-Infinity offers a line of dc input filter modules designed to help reduce common and differential mode noise. The table below
provides a list of dc-dc converter models within the series and the mating dc input filter.
note: The recommended components are a starting point but not guaranteed for meeting these EMI requirements. More or less
filtering may be required for a specific application or to meet other EMI standards, e.g.MIL-STD-461
C4
CASE
+Vo
-Vo
+Vin
-Vin
L2
C3
C2
EMI to meet class A
VHB75W Series
C2
C3
C4
L2
47µF/50V
ESR<0.60
47µF/50V
ESR<0.60
2200pF/2KV
2.5µH
EMI to meet class B 220µF/50V
ESR<0.120
220µF/50V
ESR<0.120
2200pF/2KV
1.5µH
FIGURE 10. EMI FILTER FOR VHB75W
Series
Mating Filter Module
Notes
VHB75W-Q24-SXX
VFM-10A
VHB75W-Q48-SXX
VFM-10A


Similar Part No. - VHB75W-Q24-S48

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB75W-Q24-S48 CUI-VHB75W-Q24-S48 Datasheet
195Kb / 4P
   DC-DC CONVERTER
04/01/2013
More results

Similar Description - VHB75W-Q24-S48

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com