Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHK75W-Q24-S15 Datasheet(PDF) 9 Page - CUI INC

Part # VHK75W-Q24-S15
Description  chassis mount dc-dc converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK75W-Q24-S15 Datasheet(HTML) 9 Page - CUI INC

Back Button VHK75W-Q24-S15 Datasheet HTML 2Page - CUI INC VHK75W-Q24-S15 Datasheet HTML 3Page - CUI INC VHK75W-Q24-S15 Datasheet HTML 4Page - CUI INC VHK75W-Q24-S15 Datasheet HTML 5Page - CUI INC VHK75W-Q24-S15 Datasheet HTML 6Page - CUI INC VHK75W-Q24-S15 Datasheet HTML 7Page - CUI INC VHK75W-Q24-S15 Datasheet HTML 8Page - CUI INC VHK75W-Q24-S15 Datasheet HTML 9Page - CUI INC VHK75W-Q24-S15 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
page
date
DESCRIPTION: chassis mount dc-dc converter
9 of 10
04/2011
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHK75W
17. INPUT FILTERING AND EMI INTERFERENCE
The VHK75W converters have input capacitors that control input current ripple and the associated EMI interference. However, it
has not been tested to a formal standard for conducted emissions. Additional filtering may be needed to ensure compliance to an
EMI standard. Refer to FIGURE 10 for a reference circuit.
V-Infinity offers a line of dc input filter modules designed to help reduce common and differential mode noise. The table below
provides a list of dc-dc converter models within the series and the mating dc input filter.
note: The recommended components are a starting point but not guaranteed for meeting these EMI requirements. More or less
filtering may be required for a specific application or to meet other EMI standards, e.g.MIL-STD-461
C4
CASE
+Vo
-Vo
+Vin
-Vin
L2
C3
C2
EMI to meet class A
VHK75W Series
C2
C3
C4
L2
47µF/50V
ESR<0.60
47µF/50V
ESR<0.60
2200pF/2KV
2.5µH
EMI to meet class B
220µF/50V
ESR<0.120
220µF/50V
ESR<0.120
2200pF/2KV
1.5µH
FIGURE 10. EMI FILTER FOR VHK75W
Series
Mating Filter Module
Notes
VHK75W-Q24-SXX
VFM-10A
VHK75W-Q48-SXX
VFM-10A


Similar Part No. - VHK75W-Q24-S15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK75W-Q24-S15 CUI-VHK75W-Q24-S15 Datasheet
563Kb / 9P
   chassis mount dc-dc converter
VHK75W-Q24-S15 CUI-VHK75W-Q24-S15 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
VHK75W-Q24-S15 CUI-VHK75W-Q24-S15 Datasheet
607Kb / 9P
   DC-DC CONVERTER
VHK75W-Q24-S15 CUI-VHK75W-Q24-S15 Datasheet
2Mb / 9P
   DC-DC CONVERTER
01/05/2022
VHK75W-Q24-S15-DIN CUI-VHK75W-Q24-S15-DIN Datasheet
599Kb / 9P
   DC-DC CONVERTER
More results

Similar Description - VHK75W-Q24-S15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com