Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLED15-120-800 Datasheet(PDF) 5 Page - CUI INC

Part # VLED15-120-800
Description  LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLED15-120-800 Datasheet(HTML) 5 Page - CUI INC

  VLED15-120-800 Datasheet HTML 1Page - CUI INC VLED15-120-800 Datasheet HTML 2Page - CUI INC VLED15-120-800 Datasheet HTML 3Page - CUI INC VLED15-120-800 Datasheet HTML 4Page - CUI INC VLED15-120-800 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
SPECIFIED
AC/L (black)
AC/N (white)
Vout + (red)
B
Input
Output
TOLERANCE:
±0.3mm UNLESS OTHERWISE
Vout - (black)
1:1
LED DRIVER
COPYRIGHT 2011 BY CUI INC.
TITLE:
MM [INCHES]
VLED15
VLED15
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
SCALE:
ZRJ
REV:
REV.
DESCRIPTION
DATE
A
NEW DRAWING
7/29/2010
B
model update and added dimensions
3/21/2011
SCALE: 1:2
B
B
81.62 3.213
2.213
56.22
93.40
0.374
3.677
5.00
(2 PLCS)
(2 PLCS)
152.00 5.984
9.50
103.40 4.071


Similar Part No. - VLED15-120-800

ManufacturerPart #DatasheetDescription
logo
CUI INC
VLED15-120-800 CUI-VLED15-120-800 Datasheet
146Kb / 5P
   LED DRIVER
VLED15-120-800 CUI-VLED15-120-800 Datasheet
157Kb / 5P
   LED DRIVER
VLED15-120-800 CUI-VLED15-120-800 Datasheet
281Kb / 5P
   LED DRIVER
09/16/2013
More results

Similar Description - VLED15-120-800

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com