Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLED15-120-900 Datasheet(PDF) 3 Page - CUI INC

Part # VLED15-120-900
Description  LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLED15-120-900 Datasheet(HTML) 3 Page - CUI INC

  VLED15-120-900 Datasheet HTML 1Page - CUI INC VLED15-120-900 Datasheet HTML 2Page - CUI INC VLED15-120-900 Datasheet HTML 3Page - CUI INC VLED15-120-900 Datasheet HTML 4Page - CUI INC VLED15-120-900 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
03/2011
3 of 5
LED DRIVER
VLED15
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
ISOLATION SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
isolation
meets the UL60950-1 reinforced, double insulation
NEC (Class 2) EN60598-1 class II
DIMMING REQUIREMENTS
Dimming of the driver shall be possible with standard triac based incandescent dimmers that chops the AC voltage as shown below or with
Electronic Low Voltage dimmers that employ reverse phase control.
During the rapid rise time of the AC voltage when the dimmer turns on, the driver shall not generate any voltage or current oscillations and
inrush current shall be controlled. During the on time of the AC input, the driver shall regulate the output. The RMS value of the driver output
current shall be proportional to the on time of the AC input voltage. Care must be taken to assure that the minimum load requirements are
met. Multiple drivers/LEDs may be connected to the dimmer in order to meet the minimum load requirement.
Chopped AC Input to Driver
AC Wall Power
DIMMING RANGE
When operating with an incandescent dimmer, the RMS output current shall vary depending upon the conduction angle and RMS value of the
applied AC input voltage. The following graph shows the typical output versus conduction angle at various line voltages.
The specified dimming range shall be from 30 degrees through 147 degrees conduction angle. Operation throughout this dimming range
shall be monotonic and produce a smooth transition of light output in both directions of the dimming range. At 120 V ac or 240 V ac input,
the driver shall achieve full rated output current at less than 147 degree conduction angle.
Typical Io vs Conduc on Angle
0
0.2
0.4
0.6
0.8
1
1.2
0
204060
80
100
120
140
160
VAC Conduc on Angle (Degrees)
100V (200V)
115V (230V)
132V (264V)


Similar Part No. - VLED15-120-900

ManufacturerPart #DatasheetDescription
logo
CUI INC
VLED15-120-900 CUI-VLED15-120-900 Datasheet
146Kb / 5P
   LED DRIVER
VLED15-120-900 CUI-VLED15-120-900 Datasheet
157Kb / 5P
   LED DRIVER
VLED15-120-900 CUI-VLED15-120-900 Datasheet
281Kb / 5P
   LED DRIVER
09/16/2013
VLED15-120-900L CUI-VLED15-120-900L Datasheet
146Kb / 5P
   LED DRIVER
VLED15-120-900L CUI-VLED15-120-900L Datasheet
157Kb / 5P
   LED DRIVER
More results

Similar Description - VLED15-120-900

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com