Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBR25SA140 Datasheet(PDF) 4 Page - Fuji Electric

Part # 7MBR25SA140
Description  IGBT MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR25SA140 Datasheet(HTML) 4 Page - Fuji Electric

  7MBR25SA140 Datasheet HTML 1Page - Fuji Electric 7MBR25SA140 Datasheet HTML 2Page - Fuji Electric 7MBR25SA140 Datasheet HTML 3Page - Fuji Electric 7MBR25SA140 Datasheet HTML 4Page - Fuji Electric 7MBR25SA140 Datasheet HTML 5Page - Fuji Electric 7MBR25SA140 Datasheet HTML 6Page - Fuji Electric 7MBR25SA140 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IGBT Module
7MBR25SA140
010
20
30
40
50
100
500
1000
ton
tr
toff
tf
[ Inverter ]
Switching time vs. Collector current (typ.)
Vcc=800V, VGE=±15V, Rg=51 ohm, Tj= 25°C
Collector current : Ic [ A ]
010
20
30
40
50
100
500
1000
tf
tr
ton
toff
[ Inverter ]
Switching time vs. Collector current (typ.)
Vcc=800V, VGE=±15V, Rg= 51 ohm, Tj= 125°C
Collector current : Ic [ A ]
10
50
100
500
50
100
500
1000
5000
toff
ton
tr
tf
[ Inverter ]
Switching time vs. Gate resistance (typ.)
Vcc=800V, Ic=25A, VGE=±15V, Tj= 25°C
Gate resistance : Rg [ohm]
0
1020304050
0
1
2
3
4
5
6
7
8
9
10
Err(25°C)
Eoff(25°C)
Eon(25°C)
Err(125°C)
Eoff(125°C)
Eon(125°C)
[ Inverter ]
Switching loss vs. Collector current (typ.)
Vcc=800V, VGE=±15V, Rg=51 ohm
Collector current : Ic [ A ]
10
50
100
500
0
5
10
15
20
[ Inverter ]
Switching loss vs. Gate resistance (typ.)
Vcc=800V, Ic=25A, VGE=±15V, Tj= 125°C
Gate resistance : Rg [ohm]
Eon
Err
Eoff
0
200
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60


Similar Part No. - 7MBR25SA140

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR25SA140 FUJI-7MBR25SA140 Datasheet
2Mb / 10P
   Power Integrated Module
7MBR25SA140-01 FUJI-7MBR25SA140-01 Datasheet
798Kb / 10P
   IGBT Module
More results

Similar Description - 7MBR25SA140

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com