Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBSD1-S24-S12-DIP Datasheet(PDF) 2 Page - CUI INC

Part # VBSD1-S24-S12-DIP
Description  dc-dc converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBSD1-S24-S12-DIP Datasheet(HTML) 2 Page - CUI INC

  VBSD1-S24-S12-DIP Datasheet HTML 1Page - CUI INC VBSD1-S24-S12-DIP Datasheet HTML 2Page - CUI INC VBSD1-S24-S12-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
2 of 3
09/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VBSD1-DIP series
Side View
Bottom View
Note: All Pins on a 2.54mm(0.1) pitch;
All Pin diameters are 0.50 mm(0.02);
Tolerances: ±
Unit: mm(inch)
0.25mm(0.01)
1
4
7
5
Pin
1
4
5
7
GND
Vin
+Vo
0V
12.70
1
75
4
14
7
5
+0.15
0
(0.5)
DIMENSIONS (mm)
OUTPUT
parameter
conditions/description
min
nom
max
units
output power
0.1
1
W
voltage accuracy
refer to tolerance envelope graph
ripple
@ 20 MHz bandwidth
50
75
mVpp
noise
@ 20 MHz bandwidth
75
150
mVpp
line regulation
for Vin change of 1% (3.3 V output)
1.5
%
for Vin change of 1% (other V output)
1.2
%
load regulation
10% to 100% full load
3.3 V
15
20
%
5 V
12.8
15
%
12 V
8.3
15
%
9 V
6.8
15
%
15 V
6.3
15
%
temperature coefficient
refer to recommended circuit
0.03
%/°C
switching frequency
100% load, nominal input
100
KHz
note: 1. All specifications measured at TA-25°C, humidity <75%, normal input voltage and rated output load unless otherwise specified.
GENERAL SPECIFICATIONS
parameter
conditions/description
output short circuit protection
1 second
temperature rise at full load
15°C typ., 25°C max.
cooling
free air convection
operating temp. range
-40°C ~ +85°C
storage temp. range
-55°C ~ +125°C
storage humidity range
≤95%
case material
plastic (UL94-V0)
MTBF
>3,500,000 hours
ISOLATION SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
isolation voltage
flash tested for 1 minute
1000
V dc
isolation resistance
test at 500 V dc
1000
M
Ω


Similar Part No. - VBSD1-S24-S12-DIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBSD1-S24-S12-DIP CUI-VBSD1-S24-S12-DIP Datasheet
218Kb / 3P
   dc-dc converter
More results

Similar Description - VBSD1-S24-S12-DIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com